Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NGW30T60M3DFQ Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # NGW30T60M3DFQ
Description  600 V, 30 A trench field-stop IGBT with full rated silicon diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NGW30T60M3DFQ Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button NGW30T60M3DFQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved NGW30T60M3DFQ Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
NGW30T60M3DF
600 V, 30 A trench field-stop IGBT with full rated silicon diode
aaa-035898
0
5
10
15
20
25
30
10
102
103
104
VCE (V)
C
C
(pF)
(pF)
(1)
(1)
(2)
(2)
(3)
(3)
VGE = 0 V, f = 1 MHz
(1) Cies
(2) Coes
(3) Cres
Fig. 9. Typical capacitance as a function of collector-
emitter voltage
aaa-035899
0
0.4
0.8
1.2
1.6
2
0
20
40
60
80
VF (V)
IF
IF
(A)
(A)
(1)
(1)
(2)
(2)
(1) Tamb = 25 °C
(2) Tamb = 175 °C
Fig. 10. Typical diode forward current as function of
forward voltage
aaa-035900
25
50
75
100
125
150
175
0.8
1
1.2
1.4
1.6
1.8
2
Tj (°C)
VF
VF
(V)
(V)
(1)
(1)
(2)
(2)
(3)
(3)
(1) IF = 15 A
(2) IF = 30 A
(3) IF = 60 A
Fig. 11. Typical diode forward voltage as a function of
junction temperature
aaa-035901
5
10
15
20
25
30
10
102
103
IC (A)
tt
(ns)
(ns)
(1)
(1)
(2)
(2)
(3)
(3)
(4)
(4)
VGE = 15 V to 0 V; VCC = 400 V; rG(on) = 10 Ω;
rG(off) = 10 Ω
(1) td(on)
(2) tr
(3) td(off)
(4) tf
Fig. 12. Typical switching times as a function of
collector current
NGW30T60M3DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 3 July 2023
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com