Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NGW75T65H3DF Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # NGW75T65H3DF
Description  650 V ,75 A high speed trench field-stop IGBT with full rated silicon diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NGW75T65H3DF Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NGW75T65H3DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 10Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 11Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 12Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 13Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 14Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 15Page - Nexperia B.V. All rights reserved NGW75T65H3DF Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
NGW75T65H3DF
650 V ,75 A high speed trench field-stop IGBT with full rated silicon diode
10. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT429-2
TO-247-3L
sot429-2_po
22-02-08
22-02-09
Unit
mm
max
nom
min
5.21 2.54
1.33
0.68 21.1
A
Dimensions (mm are the original dimensions)
Plastic single-ended through-hole package; heatsink mounted; 1 mounting hole; 3-lead TO-247-3L
A1
A2
2.16
b
c
D
E
e
5.44
BSC
L
L1
4.4
15.75
19.81
4.83 2.29
1.07
0.55
2.41
b1
1.91
3.38
b3
2.87
20.8
17.65
D1
16.25
3.65
P
3.51
6.0
Q
5.49
1.25
D2
0.95
1.91
4.1
16.13
E2
3.68
5.1
E1
13.1
14.15
E3
1.0
1.9
E4
12.38
13.43
20.32
W
3.5°
REF
X
4°
REF
S
T
17.5°
REF
6.17
BSC
v
0.25
w
0.64
0
scale
10 mm
Note:
All metal surfaces are tin plated except trimmed area
L
D
Q
e
A
B
A
B
v
b (3x)
D1
D2
4
A
L1
E2
A2
ØP
B
E4
C
c
1
2
3
A1
E1
b3
b1 (2x)
E3
E
A
S
T
X
W
(4x)
Ø w
SOT429-2
Fig. 29. Package outline TO-247-3L (SOT429-2)
NGW75T65H3DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 28 June 2024
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com