Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NGW75T65H3DFQ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # NGW75T65H3DFQ
Description  650 V ,75 A high speed trench field-stop IGBT with full rated silicon diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NGW75T65H3DFQ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  NGW75T65H3DFQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved NGW75T65H3DFQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
NGW75T65H3DF
650 V ,75 A high speed trench field-stop IGBT with full rated silicon diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
2
C
collector
3
E
emitter
mb
C
mounting base; connected
to collector
3
1 2
mb
aaa-036518
G
C
E
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
NGW75T65H3DF
TO-247-3L
Plastic single-ended through-hole package; heatsink
mounted; 1 mounting hole; 3-lead TO-247-3L
SOT429-2
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
IGBT
VCE
collector-emitter voltage
Tj = 25 °C
-
650
V
Tcase = 25 °C
[1]
-
80
A
IC
collector current
Tcase = 100 °C
[1]
-
80
A
ICpuls
peak pulse collector current [2]
-
300
A
VGE
gate-emitter voltage
-20
+20
V
Tcase = 25 °C
-
600
W
Ptot
total power dissipation
Tcase = 100 °C
-
300
W
Tj
operating junction
temperature
-40
+175
°C
Tstg
storage temperature
-55
+150
°C
Tsolder
soldering temperature
-
260
°C
M
mounting torque, M3 screw
-
0.6
Nm
Diode
Tcase = 25 °C
[1]
-
80
A
IF
diode forward current
Tcase = 100 °C
[1]
-
80
A
IFpuls
peak pulse diode current
[2]
300
A
[1] Value limited by bond wire and Tj(max).
[2] tp limited by Tj(max).
NGW75T65H3DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 28 June 2024
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com