Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NXT4557GUX Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NXT4557GUX
Description  SIM card interface level translator with enable pin
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NXT4557GUX Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NXT4557GUX Datasheet HTML 1Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 2Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 3Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 4Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 5Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 6Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 7Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 8Page - Nexperia B.V. All rights reserved NXT4557GUX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
NXT4557
SIM card interface level translator with enable pin
7. Pinning information
7.1. Pinning
NXT4557
7 RST_SIM
6 CLK_SIM
RST_HOST 1
CLK_HOST 2
terminal 1
index area
aaa-034372
Transparent top view
Fig. 2. Pin configuration SOT1160-1 (XQFN10)
7.2. Pin description
Table 3. Pin description
Symbol
Pin
Type
Description
RST_HOST 1
I
Reset input from host controller.
CLK_HOST
2
I
Clock input from host controller.
IO_HOST
3
I/O
Host controller bidirectional data input/output. This pin can be driven from push pull as well
as open drain drivers.
VCC_SIM
4
power
Supply voltage for the SIM CARD side input/output pins. This input voltage ranges from
1.62 V to 3.3 V. This pin should be bypassed with a 0.1 μF ceramic capacitor close to the
pin.
IO_SIM
5
I/O
SIM card bidirectional data input/output. The SIM card output must be on an open-drain
driver.
CLK_SIM
6
O
Clock output pin for the SIM card.
RST_SIM
7
O
Reset output pin for the SIM card.
GND
8
ground Ground for the SIM card and host controller. Proper grounding and bypassing are required
to meet ESD specifications.
VCC_HOST
9
power
Supply voltage for the host controller side input/output pins (CLK_HOST, RST_HOST,
IO_HOST). This pin should be bypassed with a 0.1 μF ceramic capacitor close to the pin.
EN
10
I
Enable input from host controller to enable or disable the translator. Also used to initiate
shutdown sequence
NXT4557
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 1 — 3 February 2022
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com