Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

126830-HMC905LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # 126830-HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

126830-HMC905LP3E Datasheet(HTML) 2 Page - Analog Devices

  126830-HMC905LP3E Datasheet HTML 1Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 2Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 3Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 4Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 5Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 6Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 7Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 8Page - Analog Devices 126830-HMC905LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 2
HMC905LP3E
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
v01.0414
Electrical Specifications, T
A = +25° C, Vcc = +3.3V, Z
o = 50Ω (Continued)
Input Sensitivity Window
Phase Noise for 3 Cascaded
HMC905LP3E from 6 GHz VCO
Residual Phase Noise
Divide by 1, 2, 3 & 4 [2]
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation SE Input to SE Output
EN bit OFF
-80
-30
dBc
Duty Cycle for Differential Mode
50
%
Logic Inputs
VIH Input High Voltage
1.5
3.3
V
VIL Input Low Voltage
0
0.8
V
Power Supplies
Vcc
Analog Supply
(Low Noise LDO for good phase noise -
HMC860LP3E)
3.15
3.3
3.45
V
Current Consumption
Total current vs. BIAS and CTRL bits [1]
82
100
125
mA
Sleep Current
EN = 0V
1
µA
[1] The bias bits combination BIAS1 BIAS0 = 1 1 is not recommended
[2] Fin = 6 GHz, Pin = 6 dBm, CTRL = 1, BIAS1 BIAS0 = 01
-20
-15
-10
-5
0
5
10
01
234
56
7
BIAS1BIAS0=01
BIAS1BIAS0=00
BIAS1BIAS0=10
Operating Window
INPUT FREQUENCY (GHz)
Recommended
Operating Window
-170
-150
-130
-110
-90
-70
-50
-30
-10
10
100
1000
10
4
10
5
10
6
10
7
VCO IN
Div By 4
Div By 16
Div By 64
OFFSET FREQUENCY (Hz)
-170
-160
-150
-140
-130
-120
-110
10
100
1000
10
4
10
5
10
6
10
7
10
8
Div By 1
Div By 2
Div By 3
Div By 4
OFFSET FREQUENCY (Hz)
Output Phase Noise vs. Input Power
Divide-by-4
-170
-160
-150
-140
-130
-120
-110
-100
-90
1000
10
4
10
5
10
6
10
7
Source IN
Div By 4 0dBm
Div By 4 3dBm
Div By 4 6dBm
Div By 4 9dBm
OFFSET FREQUENCY (Hz)
All data plots taken on Evaluation Board (schematic on page 10) single-ended with the unused
output port 50 ohms terminated, Vcc = +3.3V, Ta=+25 °C, except stated otherwise
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com