Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3083IDF Datasheet(PDF) 1 Page - Analog Devices

Part # LT3083IDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083IDF Datasheet(HTML) 1 Page - Analog Devices

  LT3083IDF Datasheet HTML 1Page - Analog Devices LT3083IDF Datasheet HTML 2Page - Analog Devices LT3083IDF Datasheet HTML 3Page - Analog Devices LT3083IDF Datasheet HTML 4Page - Analog Devices LT3083IDF Datasheet HTML 5Page - Analog Devices LT3083IDF Datasheet HTML 6Page - Analog Devices LT3083IDF Datasheet HTML 7Page - Analog Devices LT3083IDF Datasheet HTML 8Page - Analog Devices LT3083IDF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3083
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
Adjustable 3A
Single Resistor Low
Dropout Regulator
The LT®3083 is a 3A low dropout linear regulator that can
be paralleled to increase output current or spread heat
on surface mounted boards. Architected as a precision
current source and voltage follower, this new regulator
finds use in many applications requiring high current,
adjustability to zero, and no heat sink. The device also
brings out the collector of the pass transistor to allow
low dropout operation—down to 310mV—when used
with multiple supplies.
A key feature of the LT3083 is the capability to supply
a wide output voltage range. By using a reference cur-
rent through a single resistor, the output voltage is pro-
grammed to any level between zero and 23V (DD-PAK
and TO-220 packages). The LT3083 is stable with 10µF of
capacitance on the output, and the IC is stable with small
ceramic capacitors that do not require additional ESR as
is common with other regulators.
Internal protection circuitry includes current limiting and
thermal limiting. The LT3083 is offered in the 16-lead
TSSOP (with an exposed pad for better thermal char-
acteristics), 12-lead 4mm × 4mm DFN (also with an
exposed pad), 5-lead TO-220, and 5-lead surface mount
DD-PAK packages.
1.5V to 0.9V at 3A Supply (Using 3.3V VCONTROL)
FEATURES
APPLICATIONS
n
Outputs May be Paralleled for Higher Current and
Heat Spreading
n
Output Current: 3A
n
Single Resistor Programs Output Voltage
n
50µA Set Pin Current: 1% Initial Accuracy
n
Output Adjustable to 0V
n
Low Output Noise: 40µVRMS (10Hz to 100kHz)
n
Wide Input Voltage Range: 1.2V to 23V
(DD-Pak and TO-220 Packages)
n
Low Dropout Voltage: 310mV
n
<1mV Load Regulation
n
<0.001%/V Line Regulation
n
Minimum Load Current: 1mA
n
Stable with Minimum 10µF Ceramic Capacitor
n
Current Limit with Foldback and Overtemperature
Protection
n
Available in 16-Lead TSSOP, 12-Lead 4mm × 4mm
DFN, 5-Lead TO-220 and 5-Lead Surface Mount
DD-PAK Packages
n
High Current All Surface Mount Supply
n
High Efficiency Linear Regulator
n
Post Regulator for Switching Supplies
n
Low Parts Count Variable Voltage Supply
n
Low Output Voltage Power Supplies
Set Pin Current Distribution
49
51
3083 TA01b
49.5
50
50.5
SET PIN CURRENT DISTRIBUTION (µA)
N = 1052
3083 TA01a
VCONTROL
OUT
IN
LT3083
SET
RMIN
909Ω
*
10µF
10µF
VOUT = 0.9V
IMAX = 3A
VIN
1.5V
4.7µF
VCONTROL
3.3V
RSET
18.2k
1%
0.1µF
*OPTIONAL FOR
MINIMUM 1mA LOAD
REQUIREMENT
All registered trademarks and trademarks are the property of their respective owners. .


Similar Part No. - LT3083IDF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3083IDF LINER-LT3083IDF Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083IDF LINER-LT3083IDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
More results

Similar Description - LT3083IDF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com