Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8312MPMS#PBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT8312MPMS#PBF
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8312MPMS#PBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8312MPMS#PBF Datasheet HTML 4Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 5Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 6Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 7Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 8Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 9Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 10Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 11Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT8312
8
8312fa
For more information www.linear.com/LT8312
operaTion
steady state, but relies on the capacitor to start up the part,
then the auxiliary winding begins to provide power to the
VIN pin along with the resistor. An internal voltage clamp
is attached to the VIN pin to prevent the resistor current
from allowing VIN to go above the absolute maximum
voltage of the pin. The internal clamp is set at 40V and is
capable of 8mA (typical) of current at room temperature.
Setting the VIN Turn-On and Turn-Off Voltages
A large voltage difference between the VIN turn-on voltage
and the VIN turn-off voltage is preferred to allow time for
the auxiliary winding to power the part. The EN/UVLO
sets these two voltages. The pin has a 10μA current sink
when the pins voltage is below 1.25V and 0μA when
above 1.25V. The VIN pin connects to a resistor divider
as shown in Figure 1.
The UVLO threshold for VIN rising is:
VIN(UVLO,RISING) =1.25V •
R1+R2
R2
+10µA •R1
The UVLO Threshold for VIN Falling is :
VIN(UVLO,FALLING) =1.25V •
R1+R2
R2
Programming Output Voltage
The output voltage is set using a resistor divider from the
output capacitor to the FB pin. From the Block Diagram
the resistors R3 and R4 form a resistor divider from the
output capacitor. The output voltage equation is:
VOUT = VBG •
R3+R4
R5
The VBG voltage is equal to FB Voltage in Electrical Speci-
fication Table.
Setting VIN(SENSE) Resistor
TheVIN(SENSE)resistorsetsthecurrentfeedingtheinternal
multiplier that modulates the current limit for power factor
correction.Atthemaximumlinevoltage,VMAX,thecurrent
is set to 360µA. Under this condition, the resistor value is
equal to (VMAX/360µA).
Critical Conduction Mode Operation
Critical conduction mode is a variable frequency switching
scheme that always returns the inductor current to zero
with every cycle. The DCM pin uses a fast current input
comparatorincombinationwithasmallcapacitortodetect
dv/dt on the auxiliary winding. To eliminate false tripping,
a blanking time of 200ns is applied after the switch turns
off. The detector looks for 80μA of current through the
DCM pin due to falling voltage on the auxiliary winding
when the output diode turns off. This is not the optimal
timetoturntheswitchonbecausetheswitchvoltageisstill
close to VOUT and would waste all the energy stored in the
parasitic capacitance on the switch node. Discontinuous
ringing begins when the output diode current reaches zero
EN/UVLO
LT8312
VIN
GND
R2
8312 F01
R1
Figure 1. Undervoltage Lockout (UVLO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com