Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD2CANFD36LQB-Q Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD2CANFD36LQB-Q
Description  Extremely low clamping bidirectional ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD36LQB-Q Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD2CANFD36LQB-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD36LQB-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PESD2CANFD36LQB-Q
Extremely low clamping bidirectional ESD protection diode
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
36
V
VBR
breakdown voltage
IR = 10 mA; Tamb = 25 °C
[1]
37
41
47
V
IRM
reverse leakage current VRWM = 36 V; Tamb = 25 °C
[1]
-
1
50
nA
Cd
diode capacitance
[1]
-
8.7
10
pF
f = 1 MHz; VR = 0 V; Tamb = 25 °C
[2]
-
0.5
-
%
ΔCd/Cd
diode capacitance
matching
f = 1 MHz; VR = 2.5 V; Tamb = 25 °C
[2]
-
0.5
-
%
IPP = 1 A; tp = 8/20 µs; Tamb = 25 °C
[3] [1] -
42
-
V
VCL
clamping voltage
IPP = 16 A; tp = 100 ns; Tamb = 25 °C
[4] [1] -
52
-
V
Rdyn
dynamic resistance
IR = 10 A; tp = 100 ns; Tamb = 25 °C
[4] [1] -
1
-
Ω
[1] Measured from pin 1 or 2 to pin 3.
[2] ∆Cd is the difference of the capacitance measured between pin 1 and pin 3 and the capacitance measured between pin 2 and pin 3.
[3] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[4] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008
aaa-032449
VRWM
VRWM
IPP
IPP
VCL
Vt1(transient)
dI
dV
dV
dI
dV
dI
Vt1(transient)
V
I
VCL
Rdyn=
dV
dI
Rdyn =
Vh
Vh
Fig. 3. Transient characteristics for a bidirectional ESD
protection device
aaa-038218
VR (V)
-36
36
12
-12
4
6
2
8
10
Cd
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values
PESD2CANFD36LQB-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
5 January 2024
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com