Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XF-1708-FAR Datasheet(PDF) 3 Page - Labfacility Ltd

Part # XF-1708-FAR
Description  IEC Type T PFA Insulated Flat Pair Thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

XF-1708-FAR Datasheet(HTML) 3 Page - Labfacility Ltd

  XF-1708-FAR Datasheet HTML 1Page - Labfacility Ltd XF-1708-FAR Datasheet HTML 2Page - Labfacility Ltd XF-1708-FAR Datasheet HTML 3Page - Labfacility Ltd XF-1708-FAR Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
TC Cable - 33
Nov-23
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
T
IEC
PFA FLAT PAIR
1/0.315mm
25m (82ft)
WT-203-D
2081288
T
IEC
PFA FLAT PAIR
1/0.315mm
50m (164.1ft)
WT-203-D
4073283
T
IEC
PFA FLAT PAIR
1/0.5mm
10m (32.8ft)
WT-309-D
3582379
T
IEC
PFA FLAT PAIR
1/0.5mm
25m (82ft)
WT-309-D
3582377
T
IEC
PFA FLAT PAIR
1/0.5mm
50m (164.1ft)
WT-309-D
3582378
T
IEC
PFA FLAT PAIR
1/0.5mm
100m (328.1ft)
WT-309-D
3582380
T
IEC
PFA FLAT PAIR
7/0.2mm
10m (32.8ft)
WT-305-D
4073335
T
IEC
PFA FLAT PAIR
7/0.2mm
25m (82ft)
WT-305-D
2081289
T
IEC
PFA FLAT PAIR
7/0.2mm
50m (164.1ft)
WT-305-D
2081290
T
IEC
PFA FLAT PAIR
7/0.2mm
100m (328.1ft)
WT-305-D
2081291



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com