Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD4USB3UBTBS-QJ Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3UBTBS-QJ
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3UBTBS-QJ Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD4USB3UBTBS-QJ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3UBTBS-QJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PESD4USB3UBTBS-Q
Extremely low capacitance unidirectional ESD protection
diode array
25 October 2023
Product data sheet
1. General description
This unidirectional ESD protection device is designed to protect high-speed interfaces such as
SuperSpeed USB 3.2, HDMI, DisplayPort, external Serial Advanced Technology Attachment
(eSATA), Low Voltage Differential Signaling (LVDS), and Gigabit Multimedia Serial Link (GMSL)
Serializer/Deserializer (SerDes) against ElectroStatic Discharge (ESD).
The device is encapsulated in a leadless small DFN2510D-10 (SOT1176D) plastic package and
provides ESD protection up to 15 kV exceeding IEC 61000-4-2 level 4 and fulfilling ISO 10605.
2. Features and benefits
• System-level ESD protection for USB 2.0 and SuperSpeed USB 3.2, HDMI, DisplayPort, eSATA
and LVDS
• VRWM = 3.3 V device
• Typical line capacitance of only 0.4 pF
• Outstanding system protection: extremely deep snap-back combined with dynamic resistance
of 0.2 Ω
• ESD protection level up to ±15 kV (IEC 61000-4-2, level 4; ISO 10605)
• Matched 0.5 mm trace spacing and side-wettable flanks (SWF) for AOI
• Design-friendly ‘pass-through’ signal routing
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Infotainment systems: USB 2.0, USB 3.2 and HDMI 2.1
• Automotive A/V monitors, display and cameras
• SerDes: GMSL, APIX, FPD-Link and LVDS
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-
-
3.3
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
[1]
-
0.4
0.5
pF
[1] Measured on pin 1


Similar Part No. - PESD4USB3UBTBS-QJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD4USB3UBTTS-Q NEXPERIA-PESD4USB3UBTTS-Q Datasheet
257Kb / 11P
Extremely low capacitance unidirectional ESD protection diode array
25 October 2023
PESD4USB3UBTTS-QJ NEXPERIA-PESD4USB3UBTTS-QJ Datasheet
257Kb / 11P
Extremely low capacitance unidirectional ESD protection diode array
25 October 2023
PESD4USB3UBTTS-QX NEXPERIA-PESD4USB3UBTTS-QX Datasheet
257Kb / 11P
Extremely low capacitance unidirectional ESD protection diode array
25 October 2023
More results

Similar Description - PESD4USB3UBTBS-QJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1USF PHILIPS-PESD5V0F1USF_15 Datasheet
292Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
Rev. 1-11 December 2012
logo
Nexperia B.V. All right...
PESD5V0F1USF NEXPERIA-PESD5V0F1USF Datasheet
239Kb / 10P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C1UZF NEXPERIA-PESD5V0C1UZF Datasheet
228Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD15VW1UCSF NEXPERIA-PESD15VW1UCSF Datasheet
156Kb / 7P
Extremely low capacitance unidirectional ESD protection diode
25 January 2022
PUSB3BB4 NEXPERIA-PUSB3BB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
10 August 2023
PUSB3CB4 NEXPERIA-PUSB3CB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
8 August 2023
PUSB3FS4 NEXPERIA-PUSB3FS4 Datasheet
169Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com