Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD4USB3UBTTS-QX Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3UBTTS-QX
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3UBTTS-QX Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PESD4USB3UBTTS-QX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3UBTTS-QX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
PESD4USB3UBTTS-Q
Extremely low capacitance unidirectional ESD protection diode array
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRWM
reverse standoff voltage
-
3.3
V
IPPM
rated peak pulse current tp = 8/20 µs
[1]
-6.5
6.5
A
Tstg
storage temperature
-65
150
°C
Tamb
ambient temperature
-55
150
°C
ESD maximum ratings
IEC 61000-4-2; contact discharge
[2]
-15
15
kV
ISO 10605; contact discharge; R = 330 Ω;
C = 150 pF
[2]
-15
15
kV
VESD
electrostatic discharge
voltage
ISO 10605; contact discharge; R = 330 Ω;
C = 330 pF
[2]
-13
13
kV
[1] Non-repetitive current pulse 8/20 µs exponentially decaying waveform according to IEC 61000-4-5.
[2] Device stressed with ten non-repetitive ESD pulses.
t (µs)
0
40
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e-t
100 % IPP; 8 µs
50 % IPP; 20 µs
Fig. 1. 8/20 µs pulse waveform according to
IEC 61000-4-5
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.6 ns to 1 ns
Fig. 2. ESD pulse waveform according to
IEC 61000-4-2
PESD4USB3UBTTS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
25 October 2023
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com