Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMC31PAS-QX Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PIMC31PAS-QX
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC31PAS-QX Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PIMC31PAS-QX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC31PAS-QX Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
PIMC31PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A; Tamb = 25 °C
[1]
50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 10 mA; IB = 0 A; Tamb = 25 °C
[1]
50
-
-
V
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A; Tamb = 25 °C
[1]
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE = 50 V; IB = 0 A; Tamb = 25 °C
[1]
-
-
0.5
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
[1]
-
-
0.72
mA
hFE
DC current gain
VCE = 5 V; IC = 50 mA; Tamb = 25 °C
[1]
70
-
-
VCEsat
collector-emitter
saturation voltage
IC = 50 mA; IB = 2.5 mA; Tamb = 25 °C
[1]
-
-
100
mV
VI(off)
off-state input voltage
VCE = 5 V; IC = 100 µA; Tamb = 25 °C
[1]
0.3
0.6
1
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 20 mA; Tamb = 25 °C
[1]
0.4
0.8
1.4
V
R1
bias resistor 1 (input)
[2]
0.7
1
1.3
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[2]
9
10
11
TR1 (NPN)
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
5
-
pF
fT
transition frequency
VCE = 5 V; IC = 50 mA; f = 100 MHz;
Tamb = 25 °C
[3]
-
210
-
MHz
TR2 (PNP)
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
7
-
pF
fT
transition frequency
VCE = -5 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
[3]
-
150
-
MHz
[1] For the PNP transistor with negative polarity.
[2] See section "Test information" for resistor calculation and test conditions.
[3] Characteristics of built-in transistor.
PIMC31PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com