Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF21540-QDAA-R Datasheet(PDF) 5 Page - Nordic Semiconductor

Part # NRF21540-QDAA-R
Description  nRF21540
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF21540-QDAA-R Datasheet(HTML) 5 Page - Nordic Semiconductor

  NRF21540-QDAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 2Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 3Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 4Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 5Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF21540-QDAA-R Datasheet HTML 8Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3 New and inherited anomalies
The following anomalies are present in revision Revision 2 of the nRF21540 chip.
ID
Module
Description
New in
Revision 2
Inherited
from
Engineering
C
7
RF
Current leakage via MODE pin affecting RF performance
X
10
System
Increased current consumption in Power-down state with
MODE pin high
X
12
SPI
Spike on MISO pin
X
13
System
Increased supply current in Power-down state with digital
input pins at high level
X
14
System
Increased supply current in Power-down state
X
Table 1: New and inherited anomalies
3.1 [7] RF: Current leakage via MODE pin affecting RF
performance
This anomaly applies to IC Rev. Revision 2, build codes QDAA-G00.
It was inherited from the previous IC revision Engineering C.
Symptoms
Current leakage via MODE pin. Both TX and RX gain, as well as LNA noise figure (NF), are affected.
Conditions
Using pin control with MODE pin pulled to VDD.
Consequences
Increased current leakage into MODE pin when pulled to VDD. TX and RX gain will be affected, as well as
the device current consumption. Higher noise figure will impact the RX sensitivity.
Workaround
Use one of the following:
1. 33 kΩ resistor in series on MODE pin.
2. SPI control and keep MODE pin pulled to GND.
4446_224 v1.2
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com