Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 385 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 385 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 382Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 383Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 385Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 386Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 387Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 388Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 389Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 483 page
background image
Peripherals
The RXD.AMOUNT and TXD.AMOUNT registers are updated when a granted transaction is completed.
The TXD.AMOUNT register indicates how many bytes were read from the TX buffer in the last transaction,
that is, ORC (over-read) characters are not included in this number. Similarly, the RXD.AMOUNT register
indicates how many bytes were written into the RX buffer in the last transaction.
The ENDRX event is generated when the RX buffer has been filled.
0
0
1
2
DEF
A
B
C
4
1
CPU
Free
CPUPENDING
CPU
Ignored
Granted
3
Ignored
0
DEF
CPU
2
Free
1
DEF
SPI master can use the DEF
character to stop the transaction as
soon as possible if the transaction is
not granted.
2
DEF
SPIS
Figure 102: SPI transaction when shortcut between END and ACQUIRE is enabled
6.19.4 Pin configuration
The CSN, SCK, MOSI, and MISO signals associated with the SPI slave are mapped to physical pins according
to the configuration specified in the PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers respectively.
If the CONNECT field of any of these registers is set to Disconnected, the associated SPI slave signal will not
be connected to any physical pins.
The PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers and their configurations are only used as
long as the SPI slave is enabled, and retained only as long as the device is in System ON mode, see POWER
— Power supply on page 61 chapter for more information about power modes. When the peripheral is
disabled, the pins will behave as regular GPIOs, and use the configuration in their respective OUT bit field
and PIN_CNF[n] register. PSEL.CSN, PSEL.SCK, PSEL.MOSI, and PSEL.MISO must only be configured when
the SPI slave is disabled.
4430_161 v1.0
385



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com