Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 116 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 116 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 112Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 113Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 114Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 115Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 116Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 117Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 119Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 120Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW OUTPTR
Output pointer
6.4.9.10 SCRATCHPTR
Address offset: 0x514
Pointer to data area used for temporary storage
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW SCRATCHPTR
Pointer to a scratch data area used for temporary storage
during key-stream generation, MIC generation and
encryption/decryption.
The scratch area is used for temporary storage of data
during key-stream generation and encryption.
When MODE.LENGTH = Default, a space of 43 bytes
is required for this temporary storage. MODE.LENGTH
= Extended (16 + MAXPACKETSIZE) bytes of storage is
required.
6.4.9.11 MAXPACKETSIZE
Address offset: 0x518
Length of key-stream generated when MODE.LENGTH = Extended.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0x000000FB
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 1 1
Id
RW Field
Value Id
Value
Description
A
RW MAXPACKETSIZE
[0x001B..0x00FB]
Length of key-stream generated when MODE.LENGTH
= Extended. This value must be greater or equal to the
subsequent packet payload to be encrypted/decrypted.
6.4.9.12 RATEOVERRIDE
Address offset: 0x51C
Data rate override setting.
Override value to be used instead of the setting of MODE.DATARATE. This override value applies when the
RATEOVERRIDE task is triggered.
4430_161 v1.0
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com