Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 127 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 127 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 124Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 125Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 126Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 127Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 128Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 129Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 130Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 131Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW SP
Speed and power modes
Low
0
Low-power mode
Normal
1
Normal mode
High
2
High-speed mode
B
RW MAIN
Main operation modes
SE
0
Single-ended mode
Diff
1
Differential mode
6.5.3.12 HYST
Address offset: 0x538
Comparator hysteresis enable
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW HYST
Comparator hysteresis
NoHyst
0
Comparator hysteresis disabled
Hyst50mV
1
Comparator hysteresis enabled
6.5.4 Electrical specification
6.5.4.1 COMP Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tPROPDLY,LP
Propagation delay, low-power modea
0.6
µS
tPROPDLY,N
Propagation delay, normal modea
0.2
µS
tPROPDLY,HS
Propagation delay, high-speed modea
0.1
µS
VDIFFHYST
Optional hysteresis applied to differential input
30
mV
VVDD-VREF
Required difference between VDD and a selected VREF, VDD
> VREF
0.3
V
tINT_REF,START
Startup time for the internal bandgap reference
50
80
µS
EINT_REF
Internal bandgap reference error
-3
3
%
VINPUTOFFSET
Input offset
-10
10
mV
tCOMP,START
Startup time for the comparator core
3
µS
6.6 ECB — AES electronic codebook mode encryption
The AES electronic codebook mode encryption (ECB) can be used for a range of cryptographic functions
like hash generation, digital signatures, and keystream generation for data encryption/decryption. The ECB
encryption block supports 128 bit AES encryption (encryption only, not decryption).
a Propagation delay is with 10 mV overdrive.
4430_161 v1.0
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com