Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 137 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 137 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 133Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 134Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 135Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 136Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 137Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 138Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 139Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 140Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 141Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Enabled
1
Read: Enabled
6.7.2 Electrical specification
6.7.2.1 EGU Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tEGU,EVT
Latency between setting an EGU event flag and the system
setting an interrupt
1
cycles
6.8 GPIO — General purpose input/output
The general purpose input/output pins (GPIOs) are grouped as one or more ports with each port having up
to 32 GPIOs.
The number of ports and GPIOs per port might vary with product variant and package. Refer to Registers
on page 139 and Pin assignments on page 461 for more information about the number of GPIOs that
are supported.
GPIO has the following user-configurable features:
• Up to 32 GPIO pins per GPIO port
• Configurable output drive strength
• Internal pull-up and pull-down resistors
• Wake-up from high or low level triggers on all pins
• Trigger interrupt on state changes on any pin
• All pins can be used by the PPI task/event system
• One or more GPIO outputs can be controlled through PPI and GPIOTE channels
• All pins can be individually mapped to interface blocks for layout flexibility
• GPIO state changes captured on SENSE signal can be stored by LATCH register
The GPIO port peripheral implements up to 32 pins,
PIN0 through PIN31. Each of these pins can be
individually configured in the PIN_CNF[n] registers (n=0..31).
The following parameters can be configured through these registers:
• Direction
• Drive strength
• Enabling of pull-up and pull-down resistors
• Pin sensing
• Input buffer disconnect
• Analog input (for selected pins)
The PIN_CNF registers are retained registers. See POWER — Power supply on page 61 chapter for more
information about retained registers.
6.8.1 Pin configuration
Pins can be individually configured, through the SENSE field in the PIN_CNF[n] register, to detect either a
high level or a low level on their input.
4430_161 v1.0
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com