Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 142 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 142 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 138Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 139Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 140Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 141Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 142Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 143Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 144Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 145Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 146Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Low
0
Pin driver is low
High
1
Pin driver is high
S
RW PIN18
Pin 18
Low
0
Pin driver is low
High
1
Pin driver is high
T
RW PIN19
Pin 19
Low
0
Pin driver is low
High
1
Pin driver is high
U
RW PIN20
Pin 20
Low
0
Pin driver is low
High
1
Pin driver is high
V
RW PIN21
Pin 21
Low
0
Pin driver is low
High
1
Pin driver is high
W RW PIN22
Pin 22
Low
0
Pin driver is low
High
1
Pin driver is high
X
RW PIN23
Pin 23
Low
0
Pin driver is low
High
1
Pin driver is high
Y
RW PIN24
Pin 24
Low
0
Pin driver is low
High
1
Pin driver is high
Z
RW PIN25
Pin 25
Low
0
Pin driver is low
High
1
Pin driver is high
a
RW PIN26
Pin 26
Low
0
Pin driver is low
High
1
Pin driver is high
b
RW PIN27
Pin 27
Low
0
Pin driver is low
High
1
Pin driver is high
c
RW PIN28
Pin 28
Low
0
Pin driver is low
High
1
Pin driver is high
d
RW PIN29
Pin 29
Low
0
Pin driver is low
High
1
Pin driver is high
e
RW PIN30
Pin 30
Low
0
Pin driver is low
High
1
Pin driver is high
f
RW PIN31
Pin 31
Low
0
Pin driver is low
High
1
Pin driver is high
6.8.2.2 OUTSET
Address offset: 0x508
Set individual bits in GPIO port
Read: reads value of OUT register.
4430_161 v1.0
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com