Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 200 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 200 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 196Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 197Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 198Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 199Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 200Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 201Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 204Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
E
D D
B B B B B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Task
3
Task mode
The GPIO specified by PSEL will be configured as an output
and triggering the SET[n], CLR[n] or OUT[n] task will perform
the operation specified by POLARITY on the pin. When
enabled as a task the GPIOTE module will acquire the pin
and the pin can no longer be written as a regular output pin
from the GPIO module.
B
RW PSEL
[0..31]
GPIO number associated with SET[n], CLR[n] and OUT[n]
tasks and IN[n] event
D
RW POLARITY
When In task mode: Operation to be performed on output
when OUT[n] task is triggered. When In event mode:
Operation on input that shall trigger IN[n] event.
None
0
Task mode: No effect on pin from OUT[n] task. Event mode:
no IN[n] event generated on pin activity.
LoToHi
1
Task mode: Set pin from OUT[n] task. Event mode: Generate
IN[n] event when rising edge on pin.
HiToLo
2
Task mode: Clear pin from OUT[n] task. Event mode:
Generate IN[n] event when falling edge on pin.
Toggle
3
Task mode: Toggle pin from OUT[n]. Event mode: Generate
IN[n] when any change on pin.
E
RW OUTINIT
When in task mode: Initial value of the output when the
GPIOTE channel is configured. When in event mode: No
effect.
Low
0
Task mode: Initial value of pin before task triggering is low
High
1
Task mode: Initial value of pin before task triggering is high
6.9.4.10 CONFIG[7]
Address offset: 0x52C
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
E
D D
B B B B B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW MODE
Mode
Disabled
0
Disabled. Pin specified by PSEL will not be acquired by the
GPIOTE module.
Event
1
Event mode
The pin specified by PSEL will be configured as an input and
the IN[n] event will be generated if operation specified in
POLARITY occurs on the pin.
4430_161 v1.0
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com