Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 261 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 261 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 257Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 258Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 259Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 260Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 261Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 262Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 263Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 264Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 265Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 483 page
background image
Peripherals
The decoder can also be configured to asynchronously load a new PWM duty cycle. If the DECODER.MODE
register is set to NextStep - then the NEXTSTEP task will cause an update of the internal compare registers
on the next PWM period.
The figures below provide an overview of each part of an arbitrary sequence, in various modes
(LOOP.CNT=0 and LOOP.CNT>0). In particular are represented:
• Initial and final duty cycle on the PWM output(s)
• Chaining of SEQ[0] and SEQ[1] if LOOP.CNT>0
• Influence of registers on the sequence
• Events fired during a sequence
• DMA activity (loading of next value and applying it to the output(s))
Note that the single-shot example applies also to SEQ[1], only SEQ[0] is represented for simplicity.
100% duty cycle
New value load
Previously
loaded duty
cycle
0% duty cycle
last loaded
duty cycle
maintained
Figure 53: Single shot (LOOP.CNT=0)
4430_161 v1.0
261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com