Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 302 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 302 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 298Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 299Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 300Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 301Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 302Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 303Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 304Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 305Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 306Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW MODE
Radio data rate and modulation setting. The radio supports
Frequency-shift Keying (FSK) modulation.
Nrf_1Mbit
0
1 Mbit/s Nordic proprietary radio mode
Nrf_2Mbit
1
2 Mbit/s Nordic proprietary radio mode
Ble_1Mbit
3
1 Mbit/s Bluetooth Low Energy
Ble_2Mbit
4
2 Mbit/s Bluetooth Low Energy
6.14.14.12 PCNF0
Address offset: 0x514
Packet configuration register 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
G
F E E E E
C
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW LFLEN
Length on air of LENGTH field in number of bits.
C
RW S0LEN
Length on air of S0 field in number of bytes.
E
RW S1LEN
Length on air of S1 field in number of bits.
F
RW S1INCL
Include or exclude S1 field in RAM
Automatic
0
Include S1 field in RAM only if S1LEN > 0
Include
1
Always include S1 field in RAM independent of S1LEN
G
RW PLEN
Length of preamble on air. Decision point: TASKS_START task
8bit
0
8-bit preamble
16bit
1
16-bit preamble
6.14.14.13 PCNF1
Address offset: 0x518
Packet configuration register 1
4430_161 v1.0
302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com