Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 307 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 307 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 303Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 304Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 305Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 306Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 307Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 308Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 309Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 310Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 311Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
RSSISAMPLE
[0..127]
RSSI sample
RSSI sample result. The value of this register is read as a
positive value while the actual received signal strength is a
negative value. Actual received signal strength is therefore
as follows: received signal strength = -A dBm
6.14.14.25 STATE
Address offset: 0x550
Current radio state
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
STATE
Current radio state
Disabled
0
RADIO is in the Disabled state
RxRu
1
RADIO is in the RXRU state
RxIdle
2
RADIO is in the RXIDLE state
Rx
3
RADIO is in the RX state
RxDisable
4
RADIO is in the RXDISABLED state
TxRu
9
RADIO is in the TXRU state
TxIdle
10
RADIO is in the TXIDLE state
Tx
11
RADIO is in the TX state
TxDisable
12
RADIO is in the TXDISABLED state
6.14.14.26 DATAWHITEIV
Address offset: 0x554
Data whitening initial value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A
Reset 0x00000040
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW DATAWHITEIV
Data whitening initial value. Bit 6 is hard-wired to '1', writing
'0' to it has no effect, and it will always be read back and
used by the device as '1'.
Bit 0 corresponds to Position 6 of the LSFR, Bit 1 to Position
5, etc.
6.14.14.27 BCC
Address offset: 0x560
Bit counter compare
4430_161 v1.0
307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com