Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 341 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 341 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 337Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 338Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 339Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 340Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 341Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 342Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 343Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 344Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 345Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 483 page
background image
Peripherals
Output
Input
R
R
RESP = Pulldown
RESP = Pullup
Figure 94: Resistor ladder for positive input (negative input is equivalent, using RESN instead of RESP)
6.17.8 Reference
The ADC can use two different references, controlled in the REFSEL field of the CH[n].CONFIG register.
These are:
• Internal reference
• VDD as reference
The internal reference results in an input range of ±0.6 V on the ADC core. VDD as reference results in an
input range of ±VDD/4 on the ADC core. The gain block can be used to change the effective input range of
the ADC.
Input range = (+- 0.6 V or +-VDD/4)/Gain
For example, choosing VDD as reference, single ended input (grounded negative input), and a gain of 1/4
the input range will be:
Input range = (VDD/4)/(1/4) = VDD
With internal reference, single ended input (grounded negative input), and a gain of 1/6 the input range
will be:
Input range = (0.6 V)/(1/6) = 3.6 V
The AIN0-AIN7 inputs cannot exceed VDD, or be lower than VSS.
6.17.9 Acquisition time
To sample the input voltage, the ADC connects a capacitor to the input.
For illustration, see Simplified ADC sample network on page 342. The acquisition time indicates how
long the capacitor is connected, see TACQ field in CH[n].CONFIG register. The required acquisition time
depends on the source (Rsource) resistance. For high source resistance the acquisition time should be
increased, see Acquisition time on page 342.
4430_161 v1.0
341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com