Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 392 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 392 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 389Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 391Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 392Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 393Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 394Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 395Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 396Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 444 page
background image
Peripherals
6.27.10.24 CONFIG
Address offset: 0x56C
Configuration of parity and hardware flow control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW HWFC
Hardware flow control
Disabled
0
Disabled
Enabled
1
Enabled
B
RW PARITY
Parity
Excluded
0x0
Exclude parity bit
Included
0x7
Include parity bit
C
RW STOP
Stop bits
One
0
One stop bit
Two
1
Two stop bits
6.27.11 Electrical specification
6.27.11.1 UART electrical specification
Symbol
Description
Min.
Typ.
Max.
Units
fUART
Baud rate for UART32.
1000
kbps
tUART,CTSH
CTS high time
1
µs
tUART,START
Time from STARTRX/STARTTX task to transmission started
1
µs
6.28 UARTE — Universal asynchronous receiver/
transmitter with EasyDMA
The Universal asynchronous receiver/transmitter with EasyDMA (UARTE) offers fast, full-duplex,
asynchronous serial communication with built-in flow control (CTS, RTS) support in hardware at a rate up
to 1 Mbps, and EasyDMA data transfer from/to RAM.
Listed here are the main features for UARTE:
• Full-duplex operation
• Automatic hardware flow control
• Optional even parity bit checking and generation
• EasyDMA
• Up to 1 Mbps baudrate
• Return to IDLE between transactions supported (when using HW flow control)
• One or two stop bit
• Least significant bit (LSB) first
32 High baud rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
4454_140 v1.0
392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com