Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 431 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 431 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 429Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 430Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 431Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 432Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 433Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 434Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 435Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 444 page
background image
Hardware and layout
XC1
XC2
VDD_nRF
P0.08
P0.21/RESET
DEC1
SWDCLK
SWDIO
P0.00/XL1
P0.01/XL2
VDD_nRF
Optional
X1
32MHz C1
12pF
C2
12pF
C10
12pF
C9
12pF
C7
4.7µF
C4
100nF
C5
100nF
L3
10µH
C8
1.0µF
L4
15nH
C6
100pF
X2
32.768kHz
P0.20
P0.03/AIN1
P0.04/AIN2
P0.05/AIN3
RF
C3
1.2pF
L1
2.2nH
L2
3.3nH
nRF52811
DEC1
B6
VSS
C1
ANT
E1
XC1
A1
XC2
A2
P0.00/XL1
B5
P0.01/XL2
D5
SWDCLK
G1
SWDIO
F1
P0.21/RESET
F2
P0.08
F6
VSS
E4
P0.20
G2
VSS
E3
P0.04/AIN2
E5
P0.03/AIN1
D6
P0.05/AIN3
E6
U1
nRF52811-CAAA
Figure 162: CAAA WLCSP with DC/DC regulator setup
Note: For PCB reference layouts, see Reference layout nRF52 Series.
Designator
Value
Description
Footprint
C1, C2, C9, C10
12 pF
Capacitor, NP0, ±2 %
0201
C3
1.2 pF
Capacitor, NP0, ±5 %
0201
C4, C5
100 nF
Capacitor, X5R, ±10 %
0201
C6
100 pF
Capacitor, NP0, ±2 %
0201
C7
4.7 µF
Capacitor, X5R, ±10 %
0603
C8
1.0 µF
Capacitor, X5R, ±5 %
0402
L1
2.2 nH
High frequency chip inductor ±5 %
0201
L2
3.3 nH
High frequency chip inductor ±5 %
0201
L3
10 µH
Chip inductor, IDC,min = 50 mA, ±20 %
0603
L4
15 nH
High frequency chip inductor ±10 %
0402
U1
nRF52811-
CAAA
Multi-protocol Bluetooth® low energy, ANT and 2.4
GHz proprietary system on chip
WLCSP-33
X1
32 MHz
XTAL SMD 2016, 32 MHz, Cl = 8 pF, Total Tol: ±40
ppm
XTAL_2016
X2
32.768 kHz
XTAL SMD 2012, 32.768 kHz, Cl = 9 pF, Total Tol: ±50
ppm
XTAL_2012
Table 132: Bill of material for CAAA WLCSP with DC/DC regulator setup
4454_140 v1.0
431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com