Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 437 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 437 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 433Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 434Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 435Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 436Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 437Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 438Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 439Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 440Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 441Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 444 page
background image
9 Absolute maximum ratings
Maximum ratings are the extreme limits to which the chip can be exposed for a limited amount of time
without permanently damaging it. Exposure to absolute maximum ratings for prolonged periods of time
may affect the reliability of the device.
Note
Min.
Max.
Unit
Supply voltages
VDD
-0.3
+3.9
V
VSS
0
V
I/O pin voltage
VI/O, VDD ≤ 3.6 V
-0.3
VDD + 0.3
V
VI/O, VDD > 3.6 V
-0.3
3.9
V
Radio
RF input level
10
dBm
Environmental QFN package
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
2
ESD HBM
Human Body Model
3
kV
ESD HBM Class
Human Body Model Class
2
ESD CDM
Charged Device Model
1
kV
Environmental WLCSP 2.482 x 2.464 mm package
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
1
ESD HBM
Human Body Model
2
kV
ESD HBM Class
Human Body Model Class
2
ESD CDM
Charged Device Model
1
kV
Flash memory
Endurance
10 000
Write/erase cycles
Retention
10 years at 40°C
Table 135: Absolute maximum ratings
4454_140 v1.0
437



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com