Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 102 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 102 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 100Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 101Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 102Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 103Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 106Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 444 page
background image
Peripherals
Register
Offset
Description
TASKS_STOP
0x004
Stop comparator
TASKS_SAMPLE
0x008
Sample comparator value
EVENTS_READY
0x100
COMP is ready and output is valid
EVENTS_DOWN
0x104
Downward crossing
EVENTS_UP
0x108
Upward crossing
EVENTS_CROSS
0x10C
Downward or upward crossing
SHORTS
0x200
Shortcuts between local events and tasks
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
RESULT
0x400
Compare result
ENABLE
0x500
COMP enable
PSEL
0x504
Pin select
REFSEL
0x508
Reference source select for single-ended mode
EXTREFSEL
0x50C
External reference select
TH
0x530
Threshold configuration for hysteresis unit
MODE
0x534
Mode configuration
HYST
0x538
Comparator hysteresis enable
Table 31: Register overview
6.5.3.1 TASKS_START
Address offset: 0x000
Start comparator
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start comparator
Trigger
1
Trigger task
6.5.3.2 TASKS_STOP
Address offset: 0x004
Stop comparator
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stop comparator
Trigger
1
Trigger task
6.5.3.3 TASKS_SAMPLE
Address offset: 0x008
Sample comparator value
4454_140 v1.0
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com