Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 112 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 112 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 110Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 111Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 112Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 113Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 114Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 115Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 116Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ENDECB
Write '1' to disable interrupt for event ENDECB
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW ERRORECB
Write '1' to disable interrupt for event ERRORECB
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.6.4.7 ECBDATAPTR
Address offset: 0x504
ECB block encrypt memory pointers
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ECBDATAPTR
Pointer to the ECB data structure (see Table 1 ECB data
structure overview)
6.6.5 Electrical specification
6.6.5.1 ECB Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tECB
Run time per 16 byte block in all modes
6
µs
6.7 EGU — Event generator unit
The Event generator unit (EGU) provides support for inter-layer signaling. This means support for atomic
triggering of both CPU execution and hardware tasks from both firmware (by CPU) and hardware (by PPI).
This feature can, for instance, be used for triggering CPU execution at a lower priority execution from
a higher priority execution, or to handle a peripheral's ISR execution at a lower priority for some of its
events. However, triggering any priority from any priority is possible.
Listed here are the main EGU features:
• Enables SW triggering of interrupts
• Separate interrupt vectors for every EGU instance
• Up to 16 separate event flags per interrupt for multiplexing
Each instance of The EGU implements a set of tasks which can individually be triggered to generate the
corresponding event, i.e., the corresponding event for TASKS_TRIGGER[n] is EVENTS_TRIGGERED[n].
Refer to Instances on page 113 for a list of the various EGU instances
4454_140 v1.0
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com