Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 118 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 118 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 114Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 115Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 116Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 117Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 122Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 444 page
background image
Peripherals
Register
Offset
Description
OUTSET
0x508
Set individual bits in GPIO port
OUTCLR
0x50C
Clear individual bits in GPIO port
IN
0x510
Read GPIO port
DIR
0x514
Direction of GPIO pins
DIRSET
0x518
DIR set register
DIRCLR
0x51C
DIR clear register
LATCH
0x520
Latch register indicating what GPIO pins that have met the criteria set in the PIN_CNF[n].SENSE
registers
DETECTMODE
0x524
Select between default DETECT signal behaviour and LDETECT mode
PIN_CNF[0]
0x700
Configuration of GPIO pins
PIN_CNF[1]
0x704
Configuration of GPIO pins
PIN_CNF[2]
0x708
Configuration of GPIO pins
PIN_CNF[3]
0x70C
Configuration of GPIO pins
PIN_CNF[4]
0x710
Configuration of GPIO pins
PIN_CNF[5]
0x714
Configuration of GPIO pins
PIN_CNF[6]
0x718
Configuration of GPIO pins
PIN_CNF[7]
0x71C
Configuration of GPIO pins
PIN_CNF[8]
0x720
Configuration of GPIO pins
PIN_CNF[9]
0x724
Configuration of GPIO pins
PIN_CNF[10]
0x728
Configuration of GPIO pins
PIN_CNF[11]
0x72C
Configuration of GPIO pins
PIN_CNF[12]
0x730
Configuration of GPIO pins
PIN_CNF[13]
0x734
Configuration of GPIO pins
PIN_CNF[14]
0x738
Configuration of GPIO pins
PIN_CNF[15]
0x73C
Configuration of GPIO pins
PIN_CNF[16]
0x740
Configuration of GPIO pins
PIN_CNF[17]
0x744
Configuration of GPIO pins
PIN_CNF[18]
0x748
Configuration of GPIO pins
PIN_CNF[19]
0x74C
Configuration of GPIO pins
PIN_CNF[20]
0x750
Configuration of GPIO pins
PIN_CNF[21]
0x754
Configuration of GPIO pins
PIN_CNF[22]
0x758
Configuration of GPIO pins
PIN_CNF[23]
0x75C
Configuration of GPIO pins
PIN_CNF[24]
0x760
Configuration of GPIO pins
PIN_CNF[25]
0x764
Configuration of GPIO pins
PIN_CNF[26]
0x768
Configuration of GPIO pins
PIN_CNF[27]
0x76C
Configuration of GPIO pins
PIN_CNF[28]
0x770
Configuration of GPIO pins
PIN_CNF[29]
0x774
Configuration of GPIO pins
PIN_CNF[30]
0x778
Configuration of GPIO pins
PIN_CNF[31]
0x77C
Configuration of GPIO pins
Table 38: Register overview
6.8.2.1 OUT
Address offset: 0x504
Write GPIO port
4454_140 v1.0
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com