Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 132 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 132 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 129Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 130Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 131Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 132Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 133Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 134Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 135Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 136Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 444 page
background image
Peripherals
Note that in a single-microphone (mono) configuration, depending on the microphone’s implementation,
either the left or the right channel (sampled at falling or rising CLK edge respectively) will contain reliable
data. If two microphones are used, one of them has to be set as left, the other as right (L/R pin tied high or
to GND on the respective microphone). It is strongly recommended to use two microphones of exactly the
same brand and type so that their timings in left and right operation match.
CLK
Vdd
DATA
L/R
CLK
DIN
nRFxxxxx
CLK
Vdd
DATA
L/R
CLK
DIN
Figure 44: Example of two PDM microphones
6.10.6 Pin configuration
The CLK and DIN signals associated to the PDM module are mapped to physical pins according to the
configuration specified in the PSEL.CLK and PSEL.DIN registers respectively. If the CONNECT field in any
PSEL register is set to Disconnected, the associated PDM module signal will not be connected to the
required physical pins, and will not operate properly.
The PSEL.CLK and PSEL.DIN registers and their configurations are only used as long as the PDM module is
enabled, and retained only as long as the device is in System ON mode. See POWER — Power supply on
page 48 for more information about power modes. When the peripheral is disabled, the pins will behave
as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n] register.
To ensure correct behaviour in the PDM module, the pins used by the PDM module must be configured
in the GPIO peripheral as described in GPIO configuration before enabling peripheral on page 132
before enabling the PDM module. This is to ensure that the pins used by the PDM module are driven
correctly if the PDM module itself is temporarily disabled or the device temporarily enters System OFF.
This configuration must be retained in the GPIO for the selected I/Os as long as the PDM module is
supposed to be connected to an external PDM circuit.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behaviour.
PDM signal
PDM pin
Direction
Output value
Comment
CLK
As specified in PSEL.CLK
Output
0
DIN
As specified in PSEL.DIN
Input
Not applicable
Table 44: GPIO configuration before enabling peripheral
6.10.7 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001D000
PDM
PDM
Pulse-density modulation (digital
microphone interface)
Table 45: Instances
4454_140 v1.0
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com