Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 210 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 210 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 214Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_DEVMATCH
A device address match occurred on the last received
packet
NotGenerated
0
Event not generated
Generated
1
Event generated
6.14.15.20 EVENTS_DEVMISS
Address offset: 0x118
No device address match occurred on the last received packet
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_DEVMISS
No device address match occurred on the last received
packet
NotGenerated
0
Event not generated
Generated
1
Event generated
6.14.15.21 EVENTS_RSSIEND
Address offset: 0x11C
Sampling of receive signal strength complete
A new RSSI sample is ready for readout from the RADIO.RSSISAMPLE register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_RSSIEND
Sampling of receive signal strength complete
A new RSSI sample is ready for readout from the
RADIO.RSSISAMPLE register
NotGenerated
0
Event not generated
Generated
1
Event generated
6.14.15.22 EVENTS_BCMATCH
Address offset: 0x128
Bit counter reached bit count value
Bit counter value is specified in the RADIO.BCC register
4454_140 v1.0
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com