Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 267 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 267 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 263Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 268Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 269Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 270Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 271Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 444 page
background image
Peripherals
Note that when setting the limits, CH[n].LIMIT.HIGH shall always be higher than or equal to
CH[n].LIMIT.LOW . In other words, an event can be fired only when the input signal has been sampled
outside of the defined limits. It is not possible to fire an event when the input signal is inside a defined
range by swapping high and low limits.
The comparison to limits always takes place, there is no need to enable it. If comparison is not required
on a channel, the software shall simply ignore the related events. In that situation, the value of the limits
registers is irrelevant, so it does not matter if CH[n].LIMIT.LOW is lower than CH[n].LIMIT.HIGH or not.
6.17.11 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40007000
SAADC
SAADC
Analog-to-digital converter
Table 79: Instances
Register
Offset
Description
TASKS_START
0x000
Start the ADC and prepare the result buffer in RAM
TASKS_SAMPLE
0x004
Take one ADC sample, if scan is enabled all channels are sampled
TASKS_STOP
0x008
Stop the ADC and terminate any on-going conversion
TASKS_CALIBRATEOFFSET
0x00C
Starts offset auto-calibration
EVENTS_STARTED
0x100
The ADC has started
EVENTS_END
0x104
The ADC has filled up the Result buffer
EVENTS_DONE
0x108
A conversion task has been completed. Depending on the mode, multiple conversions might be
needed for a result to be transferred to RAM.
EVENTS_RESULTDONE
0x10C
A result is ready to get transferred to RAM.
EVENTS_CALIBRATEDONE
0x110
Calibration is complete
EVENTS_STOPPED
0x114
The ADC has stopped
EVENTS_CH[0].LIMITH
0x118
Last results is equal or above CH[0].LIMIT.HIGH
EVENTS_CH[0].LIMITL
0x11C
Last results is equal or below CH[0].LIMIT.LOW
EVENTS_CH[1].LIMITH
0x120
Last results is equal or above CH[1].LIMIT.HIGH
EVENTS_CH[1].LIMITL
0x124
Last results is equal or below CH[1].LIMIT.LOW
EVENTS_CH[2].LIMITH
0x128
Last results is equal or above CH[2].LIMIT.HIGH
EVENTS_CH[2].LIMITL
0x12C
Last results is equal or below CH[2].LIMIT.LOW
EVENTS_CH[3].LIMITH
0x130
Last results is equal or above CH[3].LIMIT.HIGH
EVENTS_CH[3].LIMITL
0x134
Last results is equal or below CH[3].LIMIT.LOW
EVENTS_CH[4].LIMITH
0x138
Last results is equal or above CH[4].LIMIT.HIGH
EVENTS_CH[4].LIMITL
0x13C
Last results is equal or below CH[4].LIMIT.LOW
EVENTS_CH[5].LIMITH
0x140
Last results is equal or above CH[5].LIMIT.HIGH
EVENTS_CH[5].LIMITL
0x144
Last results is equal or below CH[5].LIMIT.LOW
EVENTS_CH[6].LIMITH
0x148
Last results is equal or above CH[6].LIMIT.HIGH
EVENTS_CH[6].LIMITL
0x14C
Last results is equal or below CH[6].LIMIT.LOW
EVENTS_CH[7].LIMITH
0x150
Last results is equal or above CH[7].LIMIT.HIGH
EVENTS_CH[7].LIMITL
0x154
Last results is equal or below CH[7].LIMIT.LOW
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
STATUS
0x400
Status
ENABLE
0x500
Enable or disable ADC
CH[0].PSELP
0x510
Input positive pin selection for CH[0]
CH[0].PSELN
0x514
Input negative pin selection for CH[0]
CH[0].CONFIG
0x518
Input configuration for CH[0]
CH[0].LIMIT
0x51C
High/low limits for event monitoring a channel
CH[1].PSELP
0x520
Input positive pin selection for CH[1]
4454_140 v1.0
267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com