Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 321 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 321 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 317Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 318Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 325Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 444 page
background image
Peripherals
Register
Offset
Description
A1
0x524
Slope of 2nd piece wise linear function
A2
0x528
Slope of 3rd piece wise linear function
A3
0x52C
Slope of 4th piece wise linear function
A4
0x530
Slope of 5th piece wise linear function
A5
0x534
Slope of 6th piece wise linear function
B0
0x540
y-intercept of 1st piece wise linear function
B1
0x544
y-intercept of 2nd piece wise linear function
B2
0x548
y-intercept of 3rd piece wise linear function
B3
0x54C
y-intercept of 4th piece wise linear function
B4
0x550
y-intercept of 5th piece wise linear function
B5
0x554
y-intercept of 6th piece wise linear function
T0
0x560
End point of 1st piece wise linear function
T1
0x564
End point of 2nd piece wise linear function
T2
0x568
End point of 3rd piece wise linear function
T3
0x56C
End point of 4th piece wise linear function
T4
0x570
End point of 5th piece wise linear function
Table 97: Register overview
6.22.1.1 TASKS_START
Address offset: 0x000
Start temperature measurement
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start temperature measurement
Trigger
1
Trigger task
6.22.1.2 TASKS_STOP
Address offset: 0x004
Stop temperature measurement
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stop temperature measurement
Trigger
1
Trigger task
6.22.1.3 EVENTS_DATARDY
Address offset: 0x100
Temperature measurement complete, data ready
4454_140 v1.0
321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com