Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C1206C104F3GACTU Datasheet(PDF) 9 Page - Kemet Corporation

Part # C1206C104F3GACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F3GACTU Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C1206C104F3GACTU Datasheet HTML 5Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 6Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 7Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 8Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 9Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 10Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 11Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 12Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1003_C0G • 12/6/2021
9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 1C – Capacitance Range/Selection Waterfall (1825 – 2225 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91).
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/
Series
C1825C
C2220C
C2225C
Voltage Code
5
1
2
A
5
1
2
5
1
2
A
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
3,900 pF
392
F
G
J
K
M
HB
HB
HB
HB
4,700 pF
472
F
G
J
K
M
HB
HB
HB
HB
KE
KE
KE
KE
5,100 pF
512
F
G
J
K
M
KE
KE
KE
KE
5,600 pF
562
F
G
J
K
M
HB
HB
HB
HB
KE
KE
KE
KE
6,200 pF
622
F
G
J
K
M
KE
KE
KE
KE
6,800 pF
682
F
G
J
K
M
HB
HB
HB
HB
JE
JE
JB
KE
KE
KE
KE
7,500 pF
752
F
G
J
K
M
KE
KE
KE
KE
8,200 pF
822
F
G
J
K
M
HB
HB
HB
HB
JE
JE
JB
KE
KE
KE
KE
9,100 pF
912
F
G
J
K
M
KE
KE
KE
KE
10,000 pF
103
F
G
J
K
M
HB
HB
HE
HE
JE
JE
JB
KE
KE
KE
KE
12,000 pF
123
F
G
J
K
M
HB
HB
HE
HE
JE
JE
JB
KE
KE
KE
KE
15,000 pF
153
F
G
J
K
M
HB
HB
JE
JE
JB
KE
KE
KE
KE
18,000 pF
183
F
G
J
K
M
HB
HE
JE
JE
JB
KE
KE
22,000 pF
223
F
G
J
K
M
HB
HE
JE
JB
JB
KE
KE
27,000 pF
273
F
G
J
K
M
HB
HG
JE
JB
JB
KE
KE
33,000 pF
333
F
G
J
K
M
JB
JB
JB
KE
39,000 pF
393
F
G
J
K
M
JB
JB
JB
47,000 pF
473
F
G
J
K
M
JB
JB
JB
56,000 pF
563
F
G
J
K
M
JB
JB
JB
68,000 pF
683
F
G
J
K
M
JB
JB
JB
82,000 pF
823
F
G
J
K
M
JB
JB
JB
0.10 µF
104
F
G
J
K
M
JB
JB
JD
0.12 µF
124
F
G
J
K
M
JB
JB
JD
0.15 µF
154
F
G
J
K
M
JB
JB
JG
0.18 µF
184
F
G
J
K
M
JB
JD
JG
0.22 µF
224
F
G
J
K
M
JB
JD
JL
0.27 µF
274
F
G
J
K
M
JB
JF
0.33 µF
334
F
G
J
K
M
JD
JG
0.39 µF
394
F
G
J
K
M
JG
0.47 µF
474
F
G
J
K
M
JG
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
5
1
2
A
5
1
2
5
1
2
A
Case Size/Series
C1825C
C2220C
C2225C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com