Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVK4K21A0SS. Datasheet(PDF) 2 Page - E-SWITCH

Part # PVK4K21A0SS.
Description  PVK4 Series Anti-vandal Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVK4K21A0SS. Datasheet(HTML) 2 Page - E-SWITCH

  PVK4K21A0SS. Datasheet HTML 1Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 2Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 3Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 4Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 5Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 6Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 7Page - E-SWITCH PVK4K21A0SS. Datasheet HTML 8Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.e-switch.com
800.867.2717
2
PVK4 Series Anti-vandal Switch
Panel Cutout
Body Dimensions
Illuminated Arrow
DP3T LED Schematic
POS 1
POS 2
POS 3
PANEL CUTOUT
MAX. PANEL THICKNESS
10.0mm [.43]
45.0°
45.0°
ARROW
ILLUMINATED
SELECTOR
ACTUATOR
15.60
[
.614 in]
22.00
[
.866 in]
.50
[.020 in]
5.50
[.217 in]
12.00
[.472 in]
6.00
[.236 in]
8.50
[.335 in]
39.21.0
1.54 .04 in
[
]
LED (+)
TERMINAL 3
TERMINAL 6
TERMINAL 5
TERMINAL 2
TERMINAL 1
TERMINAL 4
LED (-)
38.21.0
1.50.04 in
[
]
2.00
[.079 in]
5.00
[.197 in]
15.00
[.591 in]
M19x1.0
18.20.15
.717 .006 in
[
]
ACROSS FLAT
2.80
[.110 in]
10.00
[.394 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
ON
ON
1-3, 4-5 1-3, 4-6 1-2, 4-6
2
1
3
DP3T ON-ON-ON
CONTACT CONFIGURATION
6
4
5
(+)
LED
(-)
19.00
- .00
.20
+
.748 -.000
.008
+
in
[
]
8.80 -.00
.05
+
.346 -.000
.002
+
in
[
]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com