Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL3312 Datasheet(PDF) 2 Page - E-SWITCH

Part # TL3312
Description  TL3312 Series Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3312 Datasheet(HTML) 2 Page - E-SWITCH

  TL3312 Datasheet HTML 1Page - E-SWITCH TL3312 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
800.867.2717
2
Body Dimensions
Schematic
Surface Mount PCB Layout
SHEET OF
1
1
TL3312 Series
6/27/18
1
2
3
4
PCB LAYOUT
4
2
1
CIRCUIT: SPST
3
3.70
[.146 in]
2.50
[.098 in]
2.10
[.083 in]
3.40
[.134 in]
3.70
[.146 in]
3.07
[.121 in]
PC KEEP OUT AREA
2.30mm X 3.60mm
3.40
[.134 in]
.35
[.014 in]
2.35
[.093 in]
3.15
[.124 in]
3.70
[.146 in]
1
3
4
2
.25
[.010 in]
OPERATING AREA .70
3.10
[.122 in]
2.75
[.108 in]
.60
[.024 in]
.65
[.026 in]
VIEW SHOWN
w/o TAPE
TL3312 Series Tact Switch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com