Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTP212 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACTP212
Description  High Carrying Current Type, Small & Slim Automotive Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTP212 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACTP212 Datasheet HTML 1Page - Panasonic Semiconductor ACTP212 Datasheet HTML 2Page - Panasonic Semiconductor ACTP212 Datasheet HTML 3Page - Panasonic Semiconductor ACTP212 Datasheet HTML 4Page - Panasonic Semiconductor ACTP212 Datasheet HTML 5Page - Panasonic Semiconductor ACTP212 Datasheet HTML 6Page - Panasonic Semiconductor ACTP212 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASCTB229E 202204
FEATURES
Maximum carrying current of 35 A made possible
through using the same size as the CT relays
Low operation noise
High Carrying Current Type, Small & Slim Automotive Relay
CT RELAYS POWER TYPE
Automotive Relays
TYPICAL APPLICATIONS
Powered windows, Automatic door locks, Powered
sunroof, Powered seats and Slide door closers, etc.
(Unit: mm)
[Protective construction] Sealed
13.5
13.5
14
14
17.4
17.4
13.5
13.5
7.2
7.2
17.4
17.4
ORDERING INFORMATION (PART NO.)
TYPES
Contact arrangement
Rated coil voltage
Part No.
Packing
Carton
(1-tube)
Case
1 Form C
12 V DC
ACTP112
30 pcs.
1,500 pcs.
1 Form C x 2 (8 pins)
ACTP212
30 pcs.
900 pcs.
1 Form C x 2 (10 pins)
ACTP512
Coil data
Rated coil
voltage
Operate voltage
(at 20°C) (initial)
Release voltage
(at 20°C) (initial)
Rated operating
current
[±10%] (at 20°C)
Coil resistance
[±10%] (at 20°C)
Rated operating
power
(at 20°C)
Usable voltage
range
12 V DC
Max. 7.2 V DC
Min. 1.0 V DC
83.3 mA
144 Ω
1,000 mW
10 to 16 V DC
Note: Other operate voltage types are also available. Please inquire our sales representative for details.
RATING
ACT P
Rated coil voltage (DC)
12: 12 V
Contact arrangement
1: 1 Form C
2: 1 Form C×2 (8 pins)
5: 1 Form C×2 (10 pins)
P: Power type
Panasonic Industry Co., Ltd. 2022
ー 1 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com