Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASL45XASLX41 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ASL45XASLX41
Description  Multichannel LED driver system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL45XASLX41 Datasheet(HTML) 1 Page - NXP Semiconductors

  ASL45XASLX41 Datasheet HTML 1Page - NXP Semiconductors ASL45XASLX41 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description:
Evaluation Board for ASLx500ySHN and
ASLx41ySHN - Multichannel LED driver
system
Part Number: ASL45XASLX41
Overview
The ASLx500SHN and ASLx41xSHN Evaluation Board (EVB) features the
ASL4500SHN, a highly integrated and flexible four-phase DC-to-DC boost converter IC
and two ASL3416SHN, a three-channel buck mode LED driver IC delivering constant
average DC current. The kit is designed to drive six LED strings with 150 mA to 1.6 A
and 2 V to 60 V LED string voltage. In a default application a microprocessor unit (MCU)
controls the devices through a serial peripheral interface (SPI).
Features
Control of ASL4500SHN boost convertors
Control of two ASL3416SHN buck convertors
Option to control any NXP ASL boost or buck convertor
Interface connector to the S32K144EVB
Status LEDs to report the status of the connected supplies
Connectors for 2 input voltages and 6 LED outputs


Similar Part No. - ASL45XASLX41

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL4500SHN NXP-ASL4500SHN Datasheet
1Mb / 41P
Four-phase boost converter
Rev. 6-26 October 2017
ASL4501SHN NXP-ASL4501SHN Datasheet
1Mb / 43P
Four-phase boost converter
Rev. 2-10 January 2018
More results

Similar Description - ASL45XASLX41

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3570 NSC-LM3570 Datasheet
352Kb / 13P
Low Noise White LED Driver System
logo
Cirrus Logic
CDB5376 CIRRUS-CDB5376 Datasheet
5Mb / 78P
Multichannel Seismic Evaluation System
logo
Infineon Technologies A...
ICLS6022J INFINEON-ICLS6022J Datasheet
1Mb / 33P
LED System Driver ICs
Version 1.0, 2011-05-19
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
logo
Maxim Integrated Produc...
MAX77714EVKIT MAXIM-MAX77714EVKIT Datasheet
2Mb / 20P
MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com