| Electronic Components Datasheet Search |
|
CWT-PRO Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CWT-PRO Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 4 page ![]() CodeWarrior Development Studio provides the capabilities required by every engineer in the development cycle: from board bring-up to firmware development to final application development. Features Benefit Special Edition Basic Edition Standard Edition Professional Edition IDE Project Wizard Gets you up and programming fast. Yes Yes Yes Yes Program Manager Eliminates confusing and often complex make-files with visual preference panels. • Projects Unlimited Unlimited Unlimited Unlimited • Sub Projects Yes Yes Yes Yes Build Tools Macro Assembler for HC(S)08, RS08 and V1 ColdFire® MCUs For specific optimizations only you can provide. Unlimited Unlimited Unlimited Unlimited Optimizing Compiler for HC(S)08, RS08 and V1 ColdFire MCUs Reduces code size and maximizes the capabilities of the microcontroller to achieve top performance. HC(S)08/RS08: C–32 KB, V1 ColdFire: C–64 KB HC(S)08/RS08: C–64 KB, V1 ColdFire: C–128 KB C–Unlimited C–Unlimited C++–Unlimited Libmaker Allows reuse and maintenance of code through libraries. Yes Yes Yes Yes Debug Tools Source-Level Debugger Speeds debug cycles by viewing the source code as it executes. ASM–Unlimited HC(S)08: C–32 KB V1 ColdFire: C–64 KB ASM–Unlimited HC(S)08: C–64 KB V1 ColdFire: C–128 KB ASM–Unlimited C–Unlimited ASM–Unlimited C–Unlimited C++–Unlimited Flash Programming Fully integrated flash programming improves the build- debug cycle because it automates your downloads. Yes Yes Yes Yes Simulator Reduces costs and eliminates possible hardware issues during development. Yes Yes Yes Yes Decoder Allows you create listings of ELF files. Yes Yes Yes Yes Data Visualization and I/O Stimulation Lets you see how your program effects peripherals and responds to outside input. One Component / Three Elements One Component / Three Elements Unlimited Unlimited OSEK Awareness Ready to work with OSEK, for RTOS-aware debug capabilities. Yes Session Record and Play Automates repetitive debug cycles during program validation. Yes Advanced Tools Device Initialization for HC(S)08/RS08 and V1 ColdFire MCUs Allows you to graphically set up the CPU peripheral registers and generate initialization code (ASM or C) tailored to your application. Yes Yes Yes Yes Processor Expert™ for HC(S)08 and V1 ColdFire MCUs Abstracts the hardware layer and generates optimized, microcontroller-specific code (C) tailored to your application, so you can concentrate on design. • Basic Beans Yes Yes Yes Yes • Software Beans Yes Yes • Advanced Beans Yes Bean Wizard Allows you to create reusable software components, which can be easily retargeted to any Freescale hybrid, HC(S)08 or HC(S)12 microcontroller. Yes Profile Analysis and Code Coverage Gives you visibility into your running program to allow fine tuning and better quality metrics. Yes PC-Lint Plug-In Ensures compliance with MISRA and other code quality and style guidelines. Yes Service Packs, which add support for new devices, are also available at www.freescale.com/codewarrior/downloads. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |