Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-KW41Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # USB-KW41Z
Description  radio solutions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

USB-KW41Z Datasheet(HTML) 1 Page - NXP Semiconductors

  USB-KW41Z Datasheet HTML 1Page - NXP Semiconductors USB-KW41Z Datasheet HTML 2Page - NXP Semiconductors USB-KW41Z Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Kinetis KW41Z/31Z/21Z MCU family for wireless applications is the second
multi-mode family in the Kinetis W series portfolio. Primarily used for automation and
healthcare purposes, these MCUs enable low-energy and long-range connectivity.
Design with
multi-mode
(BLE/Generic-
FSK/802.15.4)
radio solutions
Kinetis® KW41Z/31Z/21Z
MCUs for Wireless Applications
TARGET APPLICATIONS
}
Home automation
– Access control
– Appliances
– Lighting control
– Smart thermostats
– Water heater control
– Curtain/window blind control
– Security systems
}
Building automation
– Building control and monitoring
– Building HVAC control
– Fire/security
– Retail pricing management
– Security and access control
– Usage data collection
}
Healthcare
– Fitness monitoring
– Home healthcare
– Institutional care
– Medication asset
– Patient monitoring
OVERVIEW
Integrating a Bluetooth® Low Energy (BLE) v4.2, Generic FSK
(at 250, 500 and 1000 kbit/s) and IEEE® 802.15.4 compliant
modem, Kinetis KW41Z/31Z/21Z MCUs can support multiple
protocols running concurrently (time slice) in a single chip.
These MCUs also integrate a buck-boost DC-DC converter,
supporting a wide range of operating voltages from 0.9 V
to 4.2 V, significantly reducing the peak current in receive
and transmit modes. At the same time, this MCU family
delivers an excellent link budget that ensures the longest
range of communication and high immunity to interference.


Similar Part No. - USB-KW41Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
USB-KW41Z NXP-USB-KW41Z Datasheet
244Kb / 2P
Bluetooth Low Energy Wireless MCUs
More results

Similar Description - USB-KW41Z

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
LED solutions
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
Thermoelectric Solutions
HRD02-040-05L04 RMT-HRD02-040-05L04 Datasheet
1Mb / 5P
Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTC04-126-05D20 RMT-HTC04-126-05D20 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTC06-126-08D25 RMT-HTC06-126-08D25 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTC06-284-08D40 RMT-HTC06-284-08D40 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
Thermoelectric Solutions
logo
NXP Semiconductors
MKW31Z256VHT4 NXP-MKW31Z256VHT4 Datasheet
3Mb / 3P
Design with multi-mode (BLE/Generic- FSK/802.15.4) radio solutions
2015??016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com