| Electronic Components Datasheet Search |
|
FRDM7X-INTERFACE Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM7X-INTERFACE Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 14 page ![]() NXP Semiconductors UM11863 BRKTSTBAPx7250 evaluation boards with FRDM7X-INTERFACE reference design 3.6 Software Installing software is necessary to work with this evaluation board. All listed software is available on the information page for the evaluation board information page at: https://www.nxp.com/BRKTSTBAPx7250 4 Getting to know the hardware 4.1 Kit overview The BRKTSTBAPx7250 breakout board incorporates an FXPS7250 fully integrated high-performance barometric absolute pressure (BAP) sensor consisting of a compact capacitive MEMS device coupled with a digital integrated circuit producing a fully calibrated digital output. The BRKTSTBAPx7250 evaluation boards can be easily connected to an NXP Freedom MCU board via the Arduino headers for evaluation however they do require the FRDM7X-INTERFACE board for Arduino compatibility (See Section 6 "Configuring the hardware"). The following boards are recommended: • FRDM7X-INTERFACE • FRDM-KE15Z – For use with the Analog and I2C compatible breakout boards • FRDM-K64F – For use with the SPI compatible breakout boards The user interconnects the boards for evaluation of the FXPS7250x pressure sensor with a terminal program using the NXP provided Component Library firmware. See Section 5 "Installing and configuring software tools" "Installing and configuring software tools". In this case, the hardware combined with the software can help speed up development. These evaluation boards provide an intuitive way to change between the sensor variants (pressure range) and communication protocols (I2C, SPI, or analog interfaces) for communication through switch position selections (FRDM7X-INTERFACE) as well as providing test points that can be used for evaluation. The FXPS7250x data sheets provide additional device information. 4.2 Board features Each breakout board features its specific analog or digital output as described in Section 4.2.1 "Block diagram" through Section 4.2.5 "Switches". 4.2.1 Block diagram Example application block diagrams of the FXPS7250A analog, FXPS7250DI I2C and FXPS7250DS SPI pressure sensors incorporated onto the BRKTSTBAPx7250 are shown in Figure 1, Figure 2, and Figure 3. Figure 1 shows the analog circuit setup for the FXPS7250A where the output signals interface to the host ADC/MCU. UM11863 All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. User manual Rev. 1 — 15 December 2022 6 / 14 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |