Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRTR5V0U2X Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U2X
Description  Ultra low capacitance double rail-to-rail ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U2X Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PRTR5V0U2X Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRTR5V0U2X Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PRTR5V0U2X
Ultra low capacitance double rail-to-rail ESD protection diode
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
-
0.7
-
V
VBR
breakdown voltage
Tamb = 25 °C
[1]
6
-
9
V
IR
reverse current
VR = 3 V; Tamb = 25 °C
[2]
-
< 1
100
nA
C(I/O-GND)
input/output to ground
capacitance
f = 1 MHz; V(I/O-GND) = 0 V; Tamb = 25 °C [3]
-
1
1.5
pF
C(I/O-I/O)
input/output to input/
output capacitance
f = 1 MHz; V(I/O-I/O) = 0 V; Tamb = 25 °C [4]
-
0.6
-
pF
Csup
supply pin to ground
capacitance
f = 1 MHz; Vcc = 0 V; Tamb = 25 °C
[1]
-
16
-
pF
IPPM = 2.5 A; 8/20 µs; Tamb = 25 °C
[5]
-
17
-
V
VCL
clamping voltage
IPPM = -2.2 A; 8/20 µs; Tamb = 25 °C
[5]
-
-4
-
V
[1] Measured from pin 4 to ground.
[2] Measured from pin 2, 3 and 4 to ground.
[3] Measured from pin 2 and 3 to ground.
[4] Measured from pin 2 to pin 3.
[5] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
V(I/O-GND) (V)
0
5
4
2
3
1
006aaa483
0.8
1.2
0.4
1.6
2.0
C(I/O-GND)
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 2. Input/output to ground capacitance as a
function of input/output to ground voltage;
typical values
V(I/O-I/O) (V)
0
5
4
2
3
1
006aaa484
0.4
0.6
0.2
0.8
1.0
C(I/O-I/O)
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 3. Input/output to input/output capacitance as a
function of input/output to input/output voltage;
typical values
PRTR5V0U2X
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
28 July 2021
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com