Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSC2065L Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSC2065L
Description  650 V, 20 A SiC Schottky diode in TO247 R2P
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC2065L Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSC2065L Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSC2065L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
PSC2065L
650 V, 20 A SiC Schottky diode in TO247 R2P
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-c)
thermal resistance from
junction to case
-
1
1.3
K/W
aaa-040133
10-1
10-2
1
10
Zth(j-c)
(K/W)
10-3
tp (s)
10-6
10-1
1
10-2
10-3
10-5
10-4
duty cycle = 0.50
0.02
0.20
0.10
0.05
0.01
0
Fig. 1. Transient thermal impedance as a function of pulse duration; maximum values
Tc (°C)
25
75
125
175
200
150
100
50
aaa-040134
40
80
120
Ptot
(W)
0
Fig. 2. Power dissipation; maximum values
Tc (°C)
25
75
125
175
200
150
100
50
aaa-040135
40
80
120
IF
(A)
0
duty cycle = 0.1
0.5
0.7
1.0
0.3
Fig. 3. Forward current as a function of case
temperature; maximum values
PSC2065L
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
2 August 2024
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com