Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIYM9F2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIYM9F2
Description  End Cap with 2 DB9F, Solder Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIYM9F2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIYM9F2 Datasheet HTML 1Page - Infinite Electronics International, Inc. DIYM9F2 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
End Cap with 2 DB9F, Solder Type
Item # DIYM9F2
Description
A fully shielded metal case plus a variety of end caps allow the user to create and build a variety
of data line adapters. End cap options include DB9, DB25, DB37 female plus blank and 0.5"
hole versions. 3" x 3" x 1" size allows ample room for a PC board and small components.
Durable construction featuring heavy gauge steel and nickel plated end caps. Color is beige, (8)
assembly screws provided.
Features
Gold plated contacts provide reliable connections with repeated mating cycles
Heavy gauge steel construction for long life
Dual DB9 female end cap for user defined adapters
End caps utilize solder cup D-Sub connectors for easy termination of wire or
components
Application
Data networking
Custom OEM applications


Similar Part No. - DIYM9F2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIYM9F L-COM-DIYM9F Datasheet
66Kb / 1P
ADPT END CAP, DB9F SHLD
3/29/12
More results

Similar Description - DIYM9F2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P-EC01 AMPHENOL-AT04-2P-EC01 Datasheet
550Kb / 1P
Recpt, 2 Way, End Cap
logo
Tyco Electronics
016897-000 MACOM-016897-000 Datasheet
88Kb / 1P
CAP, ROUND END
logo
Harwin Plc
C90-25042-10SL HARWIN-C90-25042-10SL Datasheet
54Kb / 1P
END CAP AND CHAIN
C90-25043-10SL HARWIN-C90-25043-10SL Datasheet
55Kb / 1P
END CAP AND CHAIN
logo
Ledil, Inc.
F16182 LEDIL-F16182 Datasheet
4Mb / 3P
Long, male end cap compatible with LINNEA-90
F16183 LEDIL-F16183 Datasheet
4Mb / 3P
Long, female end cap compatible with LINNEA-90
F16339 LEDIL-F16339 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25
F16451 LEDIL-F16451 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-60
F16379 LEDIL-F16379 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-Z2T25
F16380 LEDIL-F16380 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-Z2T25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com