Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RG402/U Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG402/U
Description  SMA Plug Solder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG402/U Datasheet(HTML) 1 Page - Multicomp Pro

  RG402/U Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
01/06/21
SMA Plug
Solder
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres (Inches)
Number
Description
Material
Finish
1
Shell
Brass
Gold 3μ” Min.
2
Centre Contact
Gold 50μ” Min.
3
Insulation
PTFE
None
4
Gasket
Silicone
Red
5
Washer
Stainless Steel
None
6
Chassis
Brass
Gold 3μ” Min.
7
Body
8
Cap
Specifications
Connector Type
: SMA Coaxial
Body Style
: Right Angle Plug
Coaxial Termination
: Solder
Impedance
: 50Ω
Frequency Max.
: DC-12.4 GHz
Coaxial Cable Types
: RG-402
Contact Material
: Brass
Contact Plating
: Gold
Connector Mounting
: Cable
Contact Material
: Beryllium Copper
Contact Resistance
: 3mΩ
Insulation Resistance
: 5,000MΩ
Insulator Material
: PTFE
No. of Mating Cycles
: 500
Operating Temperature
: -65°C to +165°C
Connector interface per MIL-STD-348A.
Part to be clean and free of burrs.
Part Number Table
Description
Part Number
Plug, SMA, Solder, R/A,
RG402/U
19-02W-11-TGG
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Diagram


Similar Part No. - RG402/U

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG402 PASTERNACK-RG402 Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402 PASTERNACK-RG402 Datasheet
363Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
logo
Multicomp Pro
RG402 MULTICOMP-RG402 Datasheet
168Kb / 1P
Coax Cable RG402
15/02/23 V1.2
logo
Pasternack Enterprises,...
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402-U-STRAIGHT PASTERNACK-RG402-U-STRAIGHT Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
More results

Similar Description - RG402/U

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CS-SM-MHD CRYSTEKMICROWAVE-CS-SM-MHD Datasheet
89Kb / 2P
SMA Plug, Solder Clamp for Harbour SS402 Cable
logo
Winchester Electronics ...
SD250-500-1418P WINCHESTER-SD250-500-1418P Datasheet
49Kb / 1P
SMA PLUG. SOLDER TYPE
logo
Amphenol Corporation
901-9805-HP AMPHENOL-901-9805-HP Datasheet
86Kb / 1P
SMA PLUG SOLDER TYPE .086 SEMI-RIGID
132112 AMPHENOL-132112 Datasheet
69Kb / 1P
SMA R/A DIRECT SOLDER PLUG
logo
CRYSTEK CORPORATION
CS-SM-MCA CRYSTEKMICROWAVE-CS-SM-MCA Datasheet
89Kb / 2P
SMA Plug, Solder Clamp
logo
Crystek Corporation
CS-SM-MHA CRYSTEKCRYSTAL-CS-SM-MHA Datasheet
88Kb / 2P
SMA Plug, Solder Clamp for Harbour LL142 Cable
CS-SM-MSB CRYSTEKCRYSTAL-CS-SM-MSB Datasheet
94Kb / 2P
SMA Plug, Solder Clamp for Semflex HP160 Cable
CS-SM-MSC CRYSTEKCRYSTAL-CS-SM-MSC Datasheet
86Kb / 2P
SMA Plug, Solder Clamp for Semflex HP190 Cable
CS-SM-MSD CRYSTEKCRYSTAL-CS-SM-MSD Datasheet
89Kb / 2P
SMA Plug, Solder Clamp for Semflex LA290 Cable
CS-TM-MHA CRYSTEKCRYSTAL-CS-TM-MHA Datasheet
126Kb / 3P
SMA Plug, Solder Clamp for Harbour LL142 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com