Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XF-1018-FAR Datasheet(PDF) 1 Page - Labfacility Ltd

Part # XF-1018-FAR
Description  IEC Thermocouple Extension Leads with Miniature or Standard Thermocouple Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

XF-1018-FAR Datasheet(HTML) 1 Page - Labfacility Ltd

  XF-1018-FAR Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thermocouple extension leads available with either miniature or standard IEC thermocouple connect-
ors, types K, J or T.
Thermocouple Cable Construc on:
Single pair 7/0.2 PVC insulated cable / wire
Laid flat, side by side & PVC sheathed
Tolerance class 2
Insula on ra ng -10 to 105°C
Miniature Thermocouple Connectors:
Miniature connector with flat plug pins
Miniature socket with thermocouple contacts
Contacts are polarised to prevent incorrect connec on
Max temperature 220°C
Standard Thermocouple Connectors:
Standard connector with solid, round plug pins
Standard socket with thermocouple contacts
Contacts are polarised to prevent incorrect connec on
Max temperature 220°C
IEC Thermocouple Extension Leads with Miniature or
Standard Thermocouple Connectors
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
elements in the con nued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accredita on.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR175-0917 IEC Thermocouple Extension Leads
TYPE
CONNECTOR
CABLE
CODE
IEC COLOUR
PART NUMBER
SIZE
LENGTH
CODE
J
Miniature
5
EXT-J-C1-5.0-MP-MS
BLACK
XF-1018-FAR
T
Miniature
2
EXT-T-C1-2.0-MP-MS
BROWN
XF-1019-FAR
T
Miniature
5
EXT-T-C1-5.0-MP-MS
BROWN
XF-1020-FAR
K
Standard
10
EXT-K-C1-10.0-SP-SS
GREEN
XF-1021-FAR


Similar Part No. - XF-1018-FAR

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
XF-1011-FAR LABFACILITY-XF-1011-FAR Datasheet
282Kb / 1P
Stainless Steel Compression Glands – Parallel, Tapered & M16 Thread
More results

Similar Description - XF-1018-FAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
THERMOCOUPLE CONNECTORS & ACCESSORIES
PCC-SMP-K ETC2-PCC-SMP-K Datasheet
654Kb / 1P
Circuit Board Thermocouple Connectors
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
FB5205B PF-FB5205B Datasheet
597Kb / 3P
Thermocouple Converter
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
KFD0-TT-1 PF-KFD0-TT-1 Datasheet
896Kb / 5P
Thermocouple Converter
KFD0-TT-EX1 PF-KFD0-TT-EX1 Datasheet
1,014Kb / 5P
Thermocouple Converter
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
Thermocouple Converter
2021-12-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com