Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XF-1024-FAR Datasheet(PDF) 1 Page - Labfacility Ltd

Part # XF-1024-FAR
Description  ANSI Mineral Insulated Thermocouples with 1 Metre PFA Teflon® Insulated Flat Pair Cable and Tails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

XF-1024-FAR Datasheet(HTML) 1 Page - Labfacility Ltd

  XF-1024-FAR Datasheet HTML 1Page - Labfacility Ltd XF-1024-FAR Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
153/0617
ENGLISH
ANSI Mineral Insulated Thermocouples with 1 Metre PFA
Teflon® Insulated Flat Pair Cable and Tails
Types ‘K’ with 1 metre lead & tails – stainless steel sheath
• Mineral insulated Thermocouple to ANSI MC96.1
• Type ‘K’ with 310 stainless steel sheath
• Highly flexible, sheath can be bent/formed to suit many applications and processes
• Insulated hot junction
• Plain pot seal (200°C)
• 1 metre 7/0.2mm PFA Teflon® insulated flat pair cable and tails (colour coded to ANSI MC96.1)
Specifications
Sensor type:
Type ‘K’ (Nickel Chromium/Nickel Aluminium)
Construction:
Flexible mineral insulated probe with stainless steel sheath, plain pot seal & 1
metre extension cable
Element/hot junction:
Single element, junction insulated from sheath
(offers protection against spurious electrical signals)
Termination:
1 metre 7/0.2mm PFA Teflon® insulated flat pair cable, colour coded in
accordance with ANSI MC96.1
Probe temperature range:
Type ‘K’
-40°C to +1100°C >1.0mm diameter
-40°C to +750°C – 1.0mm diameter and below
Pot seal rating:
200°C


Similar Part No. - XF-1024-FAR

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
XF-1020-FAR LABFACILITY-XF-1020-FAR Datasheet
282Kb / 1P
IEC Thermocouple Extension Leads with Miniature or Standard Thermocouple Connectors
XF-1021-FAR LABFACILITY-XF-1021-FAR Datasheet
282Kb / 1P
IEC Thermocouple Extension Leads with Miniature or Standard Thermocouple Connectors
XF-1022-FAR LABFACILITY-XF-1022-FAR Datasheet
330Kb / 1P
IEC 1/2"UNF-20 Melt Bolt Thermocouple with Type ‘J’ Thermocouple Plug
XF-1023-FAR LABFACILITY-XF-1023-FAR Datasheet
330Kb / 1P
IEC 1/2"UNF-20 Melt Bolt Thermocouple with Type ‘J’ Thermocouple Plug
More results

Similar Description - XF-1024-FAR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100RSE120 MITSUBISHI-PM100RSE120_07 Datasheet
134Kb / 9P
FLAT-BASE TYPE INSULATED PACKAGE
PM50B6LB060 MITSUBISHI-PM50B6LB060 Datasheet
173Kb / 10P
FLAT-BASE TYPE INSULATED PACKAGE
PM50CLA120 MITSUBISHI-PM50CLA120_05 Datasheet
120Kb / 8P
FLAT-BASE TYPE INSULATED PACKAGE
PM50RLB060 MITSUBISHI-PM50RLB060_05 Datasheet
127Kb / 9P
FLAT-BASE TYPE INSULATED PACKAGE
PM50RVA120 MITSUBISHI-PM50RVA120_05 Datasheet
120Kb / 7P
FLAT-BASE TYPE INSULATED PACKAGE
PM75B6LA060 MITSUBISHI-PM75B6LA060 Datasheet
177Kb / 10P
FLAT-BASE TYPE INSULATED PACKAGE
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
TYPEJ ETC-TYPEJ Datasheet
199Kb / 1P
Duplex Insulated Iron-Constantan Duplex ANSI Type J
logo
Omega Engineering, Inc.
HTTG-1CU OMEGA-HTTG-1CU Datasheet
218Kb / 1P
PFA Glass Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com