Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8961AFR1 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # FXLS8961AFR1
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AFR1 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button FXLS8961AFR1 Datasheet HTML 90Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 91Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 92Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 93Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 94Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 95Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 96Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 97Page - NXP Semiconductors FXLS8961AFR1 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
Document ID
Release date
Description
– Conditions, Min, Typ, Max: removed Z axis in the condition fields and
removed the Min, Typ, and Max values.
– Footnote 1: revised footnote from "Determined with post board mount data
using a standard lead-free reflow profile and NXP recommended landing
pattern on a 2-layer FR4 PCB with 1.2 mm (47 mil) overall thickness." to
"Determined with post board mount data using a standard lead-free reflow
profile and NXP recommended landing pattern on a 10-layer FR4 PCB with
1.6 mm (63 mil) overall thickness."
– Footnote 2: revised footnote from "Based on characterization data on limited
number of parts from 3 lots" to "Based on characterization data on limited
number of parts from 3 lots. Limits provided with 5 sigma margin and 95%
confidence level."
• Section 9.1, inserted new section, content and images.
• Section 10, Table 8, revised as follows:
– IDDHPM: revised the Typ value from "150" to "146.9" where the condtion is
ODR independent,T = 25 °C.
– IDDLPM where T = 25 °C: revised all Typ values where the condtion is T =
25 °C from "150, 75, 38, 20, 11, 5.3, 3.1, 1.8, 1.4, 1.0, 0.80, 0.70, and 0.65"
to "146.9, 73.9, 37.5, 19.4, 10.4, 5.88, 3.63, 2.50, 2.10, 1.74, 1.56, 1.47 and
1.42" and revised all Max values from "200, 100, 53, 30, 20, 10, 7, 4, 2.5,
2.0, 1.5, 1.5 and 1.5" to "200, 100, 53, 30, 20, 10.5, 7.5, 4.8, 3.3, 2.8, 2.4,
2.3, and 2.2".
– IDDSTBY: revised the Typ value where the condtion is T = 25 °C from "0.60"
to "1.01" and Max value from "1.5" to "2.0".
– IDDLPM: revised the Max values for 100 Hz to 0.781 Hz from "13, 10, 8, 4, 4,
4, 4, and 4" to "13.7, 10.7, 8.7, 4.8, 4.8, 4.8, 4.8 and 4.8".
– IDDSTBY: revised the Max value from "4" to 4.5".
• Section 15.2.9, revised "...factory programmed to 87h..." to "…factory
programmed to 81h.…", and Reset bits 2 and 1 from "1" to "0".
• Section 15.3.3, Table 52 and Table 53, removed the columns titled "Noise RMS
(mg)" and "IDD (µA)" and the associated footnotes.
• Section 16.3, Figure 22, Figure 23, Figure 25, Figure 26, and Figure 27,
updating the graphic registration number, no content change to the images.
• Section 16.3, Figure 24, revised "C2 0.1 µF" to "C1 0.1 µF" and updated the
graphic registration number.
• Section 17.1, updated the package outline drawing images in Figure 28,
Figure 29, and Figure 30.
• Section 19.1, updated the images in Figure 31, Figure 32, and Figure 33.
• Section 19.1, inserted note at the end of the section.
• Section 20, Cross-axis sensitivity: Removed "The cross-axis sensitivity
specification represents the maximum of these six terms." from the description.
FXLS8961AF v.1
28 November 2022
• FXLS8961AF v.1 is an objective data sheet.
• Initial release.
Table 122. Revision history...continued
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
94 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com