Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SOT23-8L Datasheet(PDF) 1 Page - STMicroelectronics

Part # SOT23-8L
Description  DUAL BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT23-8L Datasheet(HTML) 1 Page - STMicroelectronics

  SOT23-8L Datasheet HTML 1Page - STMicroelectronics SOT23-8L Datasheet HTML 2Page - STMicroelectronics SOT23-8L Datasheet HTML 3Page - STMicroelectronics SOT23-8L Datasheet HTML 4Page - STMicroelectronics SOT23-8L Datasheet HTML 5Page - STMicroelectronics SOT23-8L Datasheet HTML 6Page - STMicroelectronics SOT23-8L Datasheet HTML 7Page - STMicroelectronics SOT23-8L Datasheet HTML 8Page - STMicroelectronics SOT23-8L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2003
s
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC =5V
tPD = 0.4ns (TYP.) at VCC =3.3V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA = 25°C
s
LOW "ON" RESISTANCE:
RON =6.5Ω (TYP.) AT VCC =5V II/O =1mA
RON =8.5Ω (TYP.) AT VCC =3.3V II/O =1mA
s
SINE WAVE DISTORTION:
0.04% AT VCC =3.3V f = 1KHz
s
WIDE OPERATING RANGE:
VCC (OPR) = 2V TO 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2G66 is an advanced high-speed CMOS
DUAL BILATERAL SWITCH fabricated in silicon
gate C2MOS technology. It achieves high speed
propagation
delay
and
VERY
LOW
ON
resistances while maintaining true CMOS low
power consumption. This bilateral switch handles
rail to rail analog and digital signals that may vary
across the full power supply range (from GND to
VCC).
The C input is provided to control the switch and
it’s compatible with standard CMOS output; the
switch is ON (port I/O is connected to Port O/I)
when the C input is held high and OFF (high
impedance state exists between the two ports)
when C is held low. It can be used in many
application as Battery Powered System, Test
Equipment. It’s available in the commercial and
extended
temperature
range
in
SOT23-8L
package. All inputs and output are equipped with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74V2G66
DUAL BILATERAL SWITCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2G66STR
SOT23-8L


Similar Part No. - SOT23-8L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SOT23-8 TI1-SOT23-8 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Global Mixed-mode Techn...
SOT23-8 GMT-SOT23-8 Datasheet
134Kb / 1P
Package Outline
More results

Similar Description - SOT23-8L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
62Kb / 8P
DUAL BILATERAL SWITCH
Jun-2000
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
DUAL BILATERAL SWITCH
07-Apr-1997
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
DUAL BILATERAL SWITCH
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
Dual bilateral switch
31-Jan-2007
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
DUAL BILATERAL SWITCH
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
Dual Bilateral Switch
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
Dual Bilateral Switch
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
Dual Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com