Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6935 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6935 Datasheet HTML 12Page - STMicroelectronics L6935 Datasheet HTML 13Page - STMicroelectronics L6935 Datasheet HTML 14Page - STMicroelectronics L6935 Datasheet HTML 15Page - STMicroelectronics L6935 Datasheet HTML 16Page - STMicroelectronics L6935 Datasheet HTML 17Page - STMicroelectronics L6935 Datasheet HTML 18Page - STMicroelectronics L6935 Datasheet HTML 19Page - STMicroelectronics L6935 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
VFQFPN20 mechanical data and package dimensions
L6935
18/20
8
VFQFPN20 mechanical data and package dimensions
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 17.
VFQFPN20 mechanical data and package dimensions
PACKAGE AND
PACKING INFORMATION
VFQFPN20 (4x4x1.00mm)
Weight: not available
DIMENSIONS
REF.
mm
mils
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
0.80
0.90
1.00
31.496 35.433 39.370
A1
0.02
0.05
A2
0.65
A3
0.25
b
0.18
0.23
0.30
D
4.00
D2
2.70
2.80
2.90
E
E2
e0.50
L
0.3
0.4
0.5
1.00
4.15
3.85
4.00
4.15
3.85
2.70
2.80
2.90
0.45
0.55
ddd
0.08
Very Fine Quad Flat
Package No lead
0.787
1.969
25.591 39.370
9.843
7.087
9.055
11.811
151.57 157.48 163.39
106.30 110.24 114.17
151.57 157.48 163.39
106.30 110.24 114.17
17.717 19.685 21.654
11.811 15.748 19.685
3.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com